전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320DB90EV 데이터시트(PDF) 11 Page - SPANSION

부품명 AM29LV320DB90EV
상세설명  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320DB90EV 데이터시트(HTML) 11 Page - SPANSION

Back Button AM29LV320DB90EV Datasheet HTML 7Page - SPANSION AM29LV320DB90EV Datasheet HTML 8Page - SPANSION AM29LV320DB90EV Datasheet HTML 9Page - SPANSION AM29LV320DB90EV Datasheet HTML 10Page - SPANSION AM29LV320DB90EV Datasheet HTML 11Page - SPANSION AM29LV320DB90EV Datasheet HTML 12Page - SPANSION AM29LV320DB90EV Datasheet HTML 13Page - SPANSION AM29LV320DB90EV Datasheet HTML 14Page - SPANSION AM29LV320DB90EV Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
November 15, 2004
Am29LV320D
11
DEVICE BUS OPERATIONS
This section describes the requirements and
use of the device bus operations, which are ini-
tiated through the internal command register.
The command register itself does not occupy
any addressable memory location. The register
is a latch used to store the commands, along
with the address and data information needed
to execute the command. The contents of the
register serve as inputs to the internal state
machine. The state machine outputs dictate the
function of the device. Table 1 lists the device
bus operations, the inputs and control levels
they require, and the resulting output. The fol-
lowing subsections describe each of these oper-
ations in further detail.
Table 1. Am29LV320D Device Bus Operations
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 11.5–12.5 V, X = Don’t Care, SA
= Sector Address, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A20:A0 in word mode (BYTE# = VIH), A20:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See
“Sector/Sector Block Protection and Unprotection” on page 17.
3. If WP#/ACC = VIL, the two outermost boot sectors remain protected. If WP#/ACC = VIH, the two outermost boot
sector protection depends on whether they were last protected or unprotected using the method described in
“Sector/Sector Block Protection and Unprotection” on page 17. If WP#/ACC = VHH, all sectors are unprotected.
4. DIN or DOUT as required by command sequence, data polling, or sector protection algorithm.
Word/Byte Configuration
The BYTE# pin controls whether the device
data I/O pins operate in the byte or word con-
figuration. If the BYTE# pin is set at logic ‘1’,
the device is in word configuration, DQ0–DQ15
are active and controlled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is
in byte configuration, and only data I/O pins
DQ0–DQ7 are active and controlled by CE# and
OE# . T he data I/ O pins DQ8–DQ14 are
tri-stated, and the DQ15 pin is used as an input
for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the sys-
tem must drive the CE# and OE# pins to VIL.
CE# is the power control and selects the de-
vice. OE# is the output control and gates array
data to the output pins. WE# should remain at
VIH. The BYTE# pin determines whether the de-
vice outputs array data in words or bytes.
Operation
CE# OE#
WE
#
RESET
#
WP#/AC
C
Addresses
(Note 2)
DQ0–
DQ7
DQ8–DQ15
BYTE
#
= VIH
BYTE#
= VIL
Read
L
L
H
H
L/H
AIN
DOUT
DOUT
DQ8–DQ14
= High-Z,
DQ15 = A-1
Write
L
H
L
H
(Note 3)
AIN
(Note 4) (Note 4)
Accelerated Program
L
H
L
H
VHH
AIN
(Note 4) (Note 4)
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
L/H
SA, A6 = L,
A1 = H, A0 = L
(Note 4)
X
X
Sector Unprotect
(Note 2)
LH
L
VID
(Note 3)
SA, A6 = H,
A1 = H, A0 = L
(Note 4)
X
X
Temporary Sector
Unprotect
XX
X
VID
(Note 3)
AIN
(Note 4) (Note 4)
High-Z


유사한 부품 번호 - AM29LV320DB90EV

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV320DB90EC AMD-AM29LV320DB90EC Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DB90ED AMD-AM29LV320DB90ED Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DB90EF AMD-AM29LV320DB90EF Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DB90EI AMD-AM29LV320DB90EI Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

유사한 설명 - AM29LV320DB90EV

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116B AMD-AM29LV116B Datasheet
544Kb / 40P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com