์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HMS88T1264 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - List of Unclassifed Manufacturers

๋ถ€ํ’ˆ๋ช… HMS88T1264
์ƒ์„ธ๋‚ด์šฉ  Turbo 80C52 Core Based High Security Smartcard Controller With 64K Bytes EEPROM
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ETC1 [List of Unclassifed Manufacturers]
ํ™ˆํŽ˜์ด์ง€  
Logo 

HMS88T1264 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
High Security
High Security Smartcard
Smartcard IC
IC
HMS88T1264
HMS88T1264
Turbo 80C52 Core Based High Security Smartcard Controller
With 64K Bytes EEPROM
General Features
General Features
โ€ข TurboCore : High Security 8-bit 80C52 compatible CPU
Multiple source vectorized interrupt system with two priority levels
Multiple source reset system
โ€ข High reliable EEPROM for both data storage and program execution
64KB high reliability EEPROM
1 to 64 bytes per a page
64 bytes security area (OTP : One Time Programmable)
Bytewise EEPROM programming and read access
EEPROM endurance: 500,000 cycles at 25โ„ƒ
EEPROM data retention: min. 10 years
EEPROM management library (EML) with intelligent write algorithm
โ€ข 1MHz to 6MHz operating clock frequency range for program execution
from both ROM and EEPROM
โ€ข Integrated On-Chip Memory
128KB User ROM : non-visible & scramble ROM code
256B IRAM
4KB XRAM
โ€ข Integrated Peripherals
Interrupt module for I/O interface and peripherals
UART supporting ISO standard protocols T = 0 and T = 1
True random number generator in hardware
CRC module : 16 bit checksum according to ISO3309
โ€ข 2.7V to 5.5V extended operating voltage range
โ€ข Power saving IDLE mode
โ€ข Low power SLEEP mode
โ€ข Pad configuration according to ISO/IEC 7816: VDD, VSS, CLK, RST and I/O1
โ€ข Serial interface according to ISO/IEC 7816-3
โ€ข Meets GSM 11.11 and 11.12 Specifications


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn