전자부품 데이터시트 검색엔진 |
|
KSB1M111LFT 데이터시트(PDF) 1 Page - ITT Industries |
|
KSB1M111LFT 데이터시트(HTML) 1 Page - ITT Industries |
1 / 2 page www.ittcannon.com B–36 Dimensions shown in: mm (inch) Specifications and dimensions subject to change B Actuation force Operating life Type Newtons (grams) (operations) KSB0M110 1.6 (160) 100,000 KSB0M410 3.0 (300) 500,000 KSF0M210 1.3 (130) 100,000 KSF0M310 1.6 (160) 500,000 KSF0M410 3.0 (300) 100,000 KSF0M510 5.0 (500) 100,000 KSF0M910 3.0 (300) 500,000 KSB & KSF Series Low-profile Tact Switch Features/Benefits • Low profile • Protected against flux • KSB without top sealing • KSF with top sealing • RoHS compliant and compatible Typical Applications • Low profile keyboards • Instrumentation • Industrial control • Medical • Military How To Order Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired option from each category and place it in the appropriate box. However, please note that all the combinations of these options are not feasible. For any part number different from those listed above, please consult your local ITT representative. Ground Terminal 0 Without 1 With Insertion M Manual (bulk packaging) A Automatic (tube packaging)* K S L F T Contact Material 1 Silver contacts 3 Gold contacts Type B Without actuator F Flat membrane Operation Force 1 1.6 N (160 grams), 100,000 operations (KSB only) 2 1.3 N (130 grams), 100,000 operations (KSF only) 3 1.6 N (160 grams), 500,000 operations (KSF only) 4 3 N (300 grams), 100,000 operations 5 5 N (500 grams), 100,000 operations (KSF only) 9 3 N (300 grams), 500,000 operations (KSF only) Sealing 0 Sealed against flux (KSB) IP40 1 Totally sealed IP 65 2 High performace seal IP 65 RoHS compliant and compatible. Tin plated. Specification CONTACT ARRANGEMENT: SPST, N.O. DOUBLE OVERMOLDING ON TERMINAL MEMBRANE SEALING TERMINALS: PC pins NOTE: Specifications listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Mechanical Electrical Silver Gold MAXIMUM POWER: 1 VA 0.2 VA MAXIMUM VOLTAGE: 32 VDC 32 VDC MINIMUM VOLTAGE: 20 mV 20 mV MAXIMUM CURRENT: 50 mA 10 mA MINIMUM CURRENT: 1 mA 1 mA DIELECTRIC STRENGTH (50 Hz, 1 min.): 300 Vrms CONTACT RESISTANCE: KSF 100 m Ω; KSB 100 m Ω INSULATION RESISTANCE (100 V): ≤ 109 Ω BOUNCE TIME: 1 ms Environmental Silver Gold OPERATING TEMPERATURE: -40˚C to 90˚C -40˚C to 125˚C STORAGE TEMPERATURE: -40˚C to 90˚C -55˚C to 125˚C Process Wave soldering compatible with lead free sodering profile. Packaging KSF can be delivered in tubes of 65 pieces for automatic insertion. KSB in boxes of 500 pieces for manual insertion. B T N K 1 0 Button Style K10 10 mm square Button Color 10 Dark gray 20 Light gray 30 Yellow 40 Red 50 Green 60 Blue 70 Gray-blue 80 Ivory 90 Black BUTTON for KSF Button must be ordered separately and will be supplied in bulk. SWITCH * KSF only |
유사한 부품 번호 - KSB1M111LFT |
|
유사한 설명 - KSB1M111LFT |