전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1274-01 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SD1274-01
상세설명  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SD1274-01 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SD1274-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1274-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UHF TV and digital cellular BTS applications
HF to 2000MHz class AB common cource - ceramic packages
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VDD
[V]
Class
Eff. (Typ)
[%]
Rth(j-c)
[°C/W]
Package
LDMOS in ceramic packages
Internally matched
M250
M243
M265
M252
HF / SSB, FM / VHF broadband applications
2 to 400MHz class AB common source N channel MOSFETs
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VDD
[V]
Class
Eff. (Typ)
[%]
Rth(j-c)
[°C/W]
Package
DMOS
* In development
Low thermal
Available in flangeless version by adding suffix P
SD2900
400
5
13.5
28
AB
45
8
M113
SD2902
400
15
12.5
28
AB
45
3
M113
SD2903
400
30
13
28
AB
45
1.75
M229
SD2904
400
30
9.5
28
AB
45
1.75
M113
SD2918
30
30
18
50
AB
50
1
M113
SD2931
175
150
14
50
AB
55
0.6
M174
SD2931-10
175
150
14
50
AB
55
0.45
M174
SD2932
175
300
15
50
AB
50
0.35
M244
SD2933
30
300
20
50
AB
50
0.27
M177
SD2941-10
175
175
15
50
AB
65
0.45
M174
SD2942
175
350
15
50
AB
60
0.35
M244
SD2943
30
350
22
50
AB
60
0.27
M177
SD3931-10 *
150
150
22
100
AB
45
0.4
M174
SD3932 *
150
300
24
100
AB
50
0.35
M244
SD3933 *
30
300
28
100
AB
60
0.27
M177
SD3934 *
30
750
20
100
AB
75
0.09
HOG PAC
M113
M177
M174
M244
M229
SD57030/-01
945
30
15
28
AB
60
1.75
M243 / M250
SD57045/-01
945
45
15
28
AB
55
1.4
M243 / M250
SD57060/-01
945
60
15
28
AB
60
1.1
M243 / M250
SD56120
860
100
16
28
AB
60
0.5
M246
SD56120M
860
120
16
32
AB
60
0.55
M252
SD57120
960
120
14
28
AB
60
0.55
M252
SD56150
860
150
16
32
AB
60
0.55
M252


유사한 부품 번호 - SD1274-01

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SD1274-01 STMICROELECTRONICS-SD1274-01 Datasheet
79Kb / 7P
   RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
logo
Advanced Semiconductor
SD1274-01 ASI-SD1274-01 Datasheet
34Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

유사한 설명 - SD1274-01

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
FLL600IQ-2 FUJITSU-FLL600IQ-2 Datasheet
100Kb / 4P
   Push-Pull Configuration, Broad Frequency Range: 800 to 2000 MHz, Suitable for class AB operation
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
eleflow technologies co...
2SC1969 ELEFLOW-2SC1969 Datasheet
310Kb / 3P
   10 to 14 watts output power class AB ampliflers applications in HF band.
2SC1945 ELEFLOW-2SC1945 Datasheet
332Kb / 4P
   10 to 14 watts output power class AB amplifiers applications in HF band.
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
   2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
   915-960 MHz Class AB 130W Power Amplifier
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com