전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2151FN 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TA2151FN
상세설명  RF Amplifier for Digital Servo CD System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2151FN 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TA2151FN Datasheet HTML 1Page - Toshiba Semiconductor TA2151FN Datasheet HTML 2Page - Toshiba Semiconductor TA2151FN Datasheet HTML 3Page - Toshiba Semiconductor TA2151FN Datasheet HTML 4Page - Toshiba Semiconductor TA2151FN Datasheet HTML 5Page - Toshiba Semiconductor TA2151FN Datasheet HTML 6Page - Toshiba Semiconductor TA2151FN Datasheet HTML 7Page - Toshiba Semiconductor TA2151FN Datasheet HTML 8Page - Toshiba Semiconductor TA2151FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TA2151FN
2003-01-16
5
Electrical Characteristics
(unless otherwise specified, VCC
==== 5 V, Ta ==== 25°C, RFGC ==== VCC, GVSW ==== VCC)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Assured power supply
voltage
VCC
¾
¾
4.5
5.0
5.5
V
Power supply current 1
(normal mode)
ICC1
GVSW
= VCC
Power
supply
Power supply current 2
(CD-RW mode)
ICC2
¾
SEL
= HiZ
REGC
= HiZ
GVSW
= GVD
23
33
43
mA
Reference voltage
2VR
¾
¾
4.0
4.2
4.4
V
Output current
IOH2
DV = -0.2 V
2.0
¾
¾
Reference
voltage
(2VRO)
Input current
IOL2
¾
DV = +0.1 V
0.1
¾
¾
mA
Reference voltage
VR
¾
¾
2.0
2.1
2.2
V
Reference voltage limit
DVR
¾
2
´ VR/2VR - 1
-3.0
0.0
¾
%
Output current
IOH1
DV = -0.2 V
5.0
¾
¾
Reference
voltage
(VRO)
Input current
IOL1
¾
DV = +0.1 V
5.0
¾
¾
mA
Transfer resistance1
(normal mode)
RT1
GVSW
= VCC
153
180
207
Transfer resistance2
(CD-RW mode)
RT2
¾
f
= 100 kHz
Rf = 20 k
W
GVSW
= GND
690
812
934
k
W
Frequency band width1
(normal mode)
fc1
GVSW
= VCC
¾
8
¾
Frequency band width2
(CD-RW mode)
fc2
¾
-3dB point
Rf = 20 k
W
GVSW
= GND
¾
8
¾
MHz
Output slew rate
SR
¾
CRFO = 20 pF
¾
20
¾
V/
ms
Output offset voltage 1
(normal mode)
VOS1
GVSW
= VCC
¾
-50
¾
Output offset voltage 2
(CD-RW mode)
VOS2
¾
VR Reference
Rf = 20 k
W
Input: Open
GVSW
= GND
¾
-100
¾
mV
Upper limit output voltage
VOH
3.8
¾
¾
Lower limit output voltage
VOL
¾
GND Reference
¾
¾
0.9
V
RF1
Permissive load
resistance
RLM
¾
¾
10
¾
¾
k
W
Lower limit voltage gain
GVL
RFGC
= 0.6 V
0.6
0.7
0.8
Upper limit voltage gain
GVH
¾
f
= 100 kHz
RFGC
= 3.6 V
1.3
1.5
1.7
V/V
Frequency band width
fc
¾
-3dB point
¾
20
¾
MHz
Output slew rate
SR
¾
CRFO = 20 pF
¾
20
¾
V/
ms
Output offset voltage
VOS
¾
VR Reference, Input: Open
¾
100
¾
mV
Upper limit output voltage
VOH
3.8
¾
¾
Lower limit output voltage
VOL
¾
GND Reference
¾
¾
0.9
V
RF2
(AGC)
Permissive load
resistance
RLM
¾
¾
10
¾
¾
k
W
Voltage gain
Gv
¾
f
= 1 kHz
¾
200
¾
V/V
Operation ref. Voltage
VMDI
¾
VLDO = 3.5 VDC
170
178
192
mV
LD off voltage
VLDOP
¾
SEL
= GND, VCC Reference
-0.7
¾
¾
V
APC
Input bias current
II
¾
MDI
= 178 mV
-200
¾
200
nA


유사한 부품 번호 - TA2151FN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
logo
Toshiba Semiconductor
TA2154AFN TOSHIBA-TA2154AFN Datasheet
171Kb / 13P
   1.5 V 1 Chip Tuner IC (for Digital Tuning System)
More results

유사한 설명 - TA2151FN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2157F TOSHIBA-TA2157F Datasheet
184Kb / 14P
   Digital Servo Head Amp for CD System
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com