전자부품 데이터시트 검색엔진 |
|
TPA6205A1DRB 데이터시트(PDF) 2 Page - Texas Instruments |
|
TPA6205A1DRB 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 24 page www.ti.com ABSOLUTE MAXIMUM RATINGS RECOMMENDED OPERATING CONDITIONS DISSIPATION RATINGS TPA6205A1 SLOS490A – JULY 2006 – REVISED AUGUST 2006 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION PACKAGED DEVICES(1)(2) MicroStar Junior™ QFN MSOP (ZQV) (DRB) (DGN) Device TPA6205A1ZQVR TPA6205A1DRB TPA6205A1DGN Symbolization AANI AAOI AAPI (1) The ZQV packages are only available taped and reeled. The suffix R designates taped and reeled parts. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. over operating free-air temperature range unless otherwise noted(1) UNIT VDD Supply voltage –0.3 V to 6 V VI Input voltage INx and SHUTDOWN pins –0.3 V to VDD + 0.3 V Continuous total power dissipation See Dissipation Rating Table TA Operating free-air temperature –40 °C to 85°C TJ Junction temperature –40 °C to 125°C Tstg Storage temperature –65 °C to 85°C Lead temperature 1,6 mm (1/16 Inch) ZQV, DRB, DGN 260 °C from case for 10 seconds (1) Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. MIN TYP MAX UNIT VDD Supply voltage 2.5 5.5 V VIH High-level input voltage SHUTDOWN 1.15 V VIL Low-level input voltage SHUTDOWN 0.50 V VIC Common-mode input voltage VDD = 2.5 V, 5.5 V, CMRR ≤– 60 dB 0.5 VDD–0.8 V TA Operating free-air temperature –40 85 °C ZL Load impedance 6.4 8 Ω TA ≤ 25°C TA = 70°C TA = 85°C PACKAGE DERATING FACTOR POWER RATING POWER RATING POWER RATING ZQV 885 mW 8.8 mW/ °C 486 mW 354 mW DGN 2.13 W 17.1 mW/ °C 1.36 W 1.11 W DRB 2.7 W 21.8 mW/ °C 1.7 W 1.4 W 2 Submit Documentation Feedback |
유사한 부품 번호 - TPA6205A1DRB |
|
유사한 설명 - TPA6205A1DRB |