전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM6G50US60 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FMM6G50US60
상세설명  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMM6G50US60 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FMM6G50US60 Datasheet HTML 1Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 2Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 3Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 4Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 5Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 6Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 7Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 8Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
FMM6G50US60 Rev. A
Electrical Characteristics of DIODE @ Inverter & Brake T
C = 25°C unless otherwise noted
Electrical Characteristics of DIODE @ Converter T
C = 25°C unless otherwise noted
Thermal Characteristics
NTC Thermistor Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 50A
TC = 25°C
--
1.9
2.8
V
TC = 100°C
--
2.0
--
trr
Diode Reverse Recovery Time
IF = 50A
di / dt = 100 A/us
TC = 25°C
--
75
150
ns
TC = 100°C
--
130
--
Irr
Diode Peak Reverse Recovery
Current
TC = 25°C
--
5
6.5
A
TC = 100°C
--
7
--
Qrr
Diode Reverse Recovery Charge
TC = 25°C
--
225
422
nC
TC = 100°C
--
455
--
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 50A
TC = 25°C
--
1.2
1.6
V
TC = 100°C
--
1.2
--
IRRM
Repetitive Reverse Current
VR = VRRM
TC = 25°C
--
--
8
mA
TC = 100°C
--
5
--
Symbol
Parameter
Typ.
Max.
Units
Inverter
RθJC
Junction-to-Case (IGBT Part, per 1/6 Module)
--
0.9
°C/W
RθJC
Junction-to-Case (DIODE Part, per 1/6 Module)
--
1.3
°C/W
Converter
RθJC
Junction-to-Case (DIODE Part, per 1/6 Module)
--
1.3
°C/W
Weight
Weight of Module
210
--
g
Symbol
Parameter
Tol.
Typ.
Units
Thermistor
R25
Rated Resistance @ Tc = 25
°C
+/- 5 %
5
K
R100
Rated Resistance @ Tc = 100
°C
+/- 5 %
0.415
K
B(25/100)
B - Value
+/- 3 %
3692


유사한 부품 번호 - FMM6G50US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMM6G30US60 FAIRCHILD-FMM6G30US60 Datasheet
972Kb / 9P
   Compact & Complex Module
More results

유사한 설명 - FMM6G50US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com