전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM6G50US60 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FMM6G50US60
상세설명  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMM6G50US60 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FMM6G50US60 Datasheet HTML 1Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 2Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 3Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 4Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 5Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 6Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 7Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 8Page - Fairchild Semiconductor FMM6G50US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
FMM6G50US60 Rev. A
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.005
0.01
0.1
1
5
IGBT
:
DIODE :
Rectangular Pulse Duration [sec]
0 . 1
1
1 0
0
1 0 0 0
2 0 0 0
3 0 0 0
4 0 0 0
5 0 0 0
6 0 0 0
7 0 0 0
8 0 0 0
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E
[ V ]
C o m m o n E m i t t e r
V
G E
= 0 V , f = 1
M H z
T
C
= 2 5 o C
0
1
2
3
4
5
6
0
4 0
8 0
1 2 0
1 6 0
2 0 0
15V
16V
18V
20V
14V
12V
V
GE = 10V
Common Emitter
T
C = 25
oC
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E ( s a t )
[ V ]
0
1
2
3
4
5
6
0
4 0
8 0
1 2 0
1 6 0
2 0 0
15V
16V
18V
20V
14V
12V
V
GE = 10V
Common Emitter
T
C = 125
oC
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E ( s a t )
[ V ]
- 5 0
0
5 0
1 0 0
1 5 0
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
3 . 5
4 . 0
50 A
100 A
25 A
C a s e T e m p e r a t u r e , T
C
[ o C ]
Common Emitter
V
GE = 15 V
1
1 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E
[ V ]
Common Emitter
V
GE = 15 V
T
C =
25℃ ━━
T
C = 125
℃ ------
Fig 1. Typical Output Characteristics
Fig 3. Typical Saturation Voltage
Characteristics
Fig 5. Transient Thermal Impedance
Fig 6. Capacitance Characteristics
Fig 4. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 2. Typical Saturation Voltage
Characteristics


유사한 부품 번호 - FMM6G50US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMM6G30US60 FAIRCHILD-FMM6G30US60 Datasheet
972Kb / 9P
   Compact & Complex Module
More results

유사한 설명 - FMM6G50US60

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com