전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDA16N50 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDA16N50
상세설명  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA16N50 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDA16N50 Datasheet HTML 1Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 2Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 3Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 4Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 5Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 6Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 7Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FDA16N50 Rev. A
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDA16N50
FDA16N50
TO-3P
-
-
30
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250μA
500
--
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25°C
--
0.5
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
VDS = 400V, TC = 125°C
--
--
--
--
1
10
μA
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250μA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 8.3A
--
0.31
0.38
Ω
gFS
Forward Transconductance
VDS = 40V, ID = 8.3A
(Note 4)
--
23
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
1495
1945
pF
Coss
Output Capacitance
--
235
310
pF
Crss
Reverse Transfer Capacitance
--
20
30
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250V, ID = 16A
RG = 25Ω
(Note 4, 5)
--
40
90
ns
tr
Turn-On Rise Time
--
150
310
ns
td(off)
Turn-Off Delay Time
--
65
140
ns
tf
Turn-Off Fall Time
--
80
170
ns
Qg
Total Gate Charge
VDS = 400V, ID = 16A
VGS = 10V
(Note 4, 5)
--
32
45
nC
Qgs
Gate-Source Charge
--
8.5
--
nC
Qgd
Gate-Drain Charge
--
14
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
9.2
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
37
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 16.5A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 16A
dIF/dt =100A/μs
(Note 4)
--
490
--
ns
Qrr
Reverse Recovery Charge
--
5.0
--
μC
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 5.1mH, IAS = 16.5A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 16.5A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


유사한 부품 번호 - FDA16N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
391Kb / 9P
   500V N-Channel MOSFET
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
718Kb / 9P
   500V N-Channel MOSFET
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
438Kb / 8P
   Optimized Switch for Discontinuous Current Mode Power Factor Correction
logo
Inchange Semiconductor ...
FDA16N50 ISC-FDA16N50 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDA16N50-F109 ONSEMI-FDA16N50-F109 Datasheet
1Mb / 9P
   N-Channel UniFETTM MOSFET 500V, 16.5 A, 380 mΩ
September-2017, Rev. 3
More results

유사한 설명 - FDA16N50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com