전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM1202A02QE 데이터시트(PDF) 1 Page - ITT Industries

부품명 KM1202A02QE
상세설명  Subminiature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

KM1202A02QE 데이터시트(HTML) 1 Page - ITT Industries

  KM1202A02QE Datasheet HTML 1Page - ITT Industries KM1202A02QE Datasheet HTML 2Page - ITT Industries KM1202A02QE Datasheet HTML 3Page - ITT Industries KM1202A02QE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A–65
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K KM Series
Subminiature Pushbutton Switches
Features/Benefits
Reliable contact design
Available with pretravel
and overtravel
Extended overtravel option
RoHS compliant
Typical Applications
Alarm systems
Computers
Detector switch application
Specifications
CONTACT RATING: Q contact material (KM11, KM12 Models):
0.25 AMPS @ 125 V AC or DC (UL); (KM33 Model): 1 AMP @
125 V AC or 28 V DC. See page A-67 for additional ratings.
ELECTRICAL LIFE: 10,000 actuations min. at full load.
CONTACT RESISTANCE: Below 30 m
Ω typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
CAP INSTALLATION FORCE: 10 lbs. max. permissible.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING & BUSHING: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL 94V-2), natural. Internal o-ring seal,
available on KM11 & KM33 models.
MOVABLE CONTACT: B contact material: Bronze or copper,
with gold plate over nickel plate. See page A-67 for
additional contact materials.
STATIONARY CONTACTS & TERMINALS: B contact material:
Copper, with gold plate over nickel plate. See page A-67 for
additional contact materials.
RETURN SPRING: Music wire, phosphor coated.
MOUNTING NUT: Brass, nickel plated.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-66 and A-68. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
KM12 On-Mom., SPDT
KM11 Off-Mom., SPST, N.O.
KM33 On-Mom., SPST, N.C.
Actuator
02 .398" high, .122" dia. KM12
01 .122" dia. KM11,
Stepped, .108” dia. KM33
Contact Material
B Gold
Q Silver
Seal
NONE No seal
E Epoxy
Bushing/Mounting Style
A
Right angle
RR 1/4-40 thread, .225" high
Models Available
Terminations
05 .110" quick connect
08 Right angle, PC thru-hole
02 PC Thru-hole
WC Wire lead


유사한 부품 번호 - KM1202A02QE

제조업체부품명데이터시트상세설명
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM1202A08BE CK-COMPONENTS-KM1202A08BE Datasheet
164Kb / 3P
   Subminiature Detect Switches
KM1202A08E CK-COMPONENTS-KM1202A08E Datasheet
164Kb / 3P
   Subminiature Detect Switches
More results

유사한 설명 - KM1202A02QE

제조업체부품명데이터시트상세설명
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com