전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3486EARZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADM3486EARZ
상세설명  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3486EARZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADM3486EARZ Datasheet HTML 6Page - Analog Devices ADM3486EARZ Datasheet HTML 7Page - Analog Devices ADM3486EARZ Datasheet HTML 8Page - Analog Devices ADM3486EARZ Datasheet HTML 9Page - Analog Devices ADM3486EARZ Datasheet HTML 10Page - Analog Devices ADM3486EARZ Datasheet HTML 11Page - Analog Devices ADM3486EARZ Datasheet HTML 12Page - Analog Devices ADM3486EARZ Datasheet HTML 13Page - Analog Devices ADM3486EARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 10 of 20
VOL
VCC
0V
3V
0.25V
IN
OUT
1.5V
1.5V
tPSL
tPLZ
VOM
D
OUT
CL = 50pF2
GENERATOR1
50Ω
S1
0V OR 3V
VCC
RL = 110Ω
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 13. Driver Enable and Disable Times (tPZL, tPSL, tPLZ)
3V
0V
VCC
0V
IN
OUT
VOM
VOM
1.5V
1.5V
tRPHL
tRPLH
GENERATOR1
50Ω
CL = 15pF2
R
1.5V
0V
VOM =
VCC
2
OUT
VID
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 14. Receiver Propagation Delays
+3V
0V
VOH
0V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
+3V
0V
VCC
VOL
+3V
0V
VCC
VOL
+3V
0V
VOH
0V
+1.5V
+1.5V
+1.5V
IN
OUT
IN
OUT
IN
OUT
IN
OUT
tRPZL
tRPSL
tRPLZ
tRPHZ
+0.25V
+0.25V
+1.5V
+1.5V
+1.5V
tRPZH
tRPSH
R
GENERATOR1
50Ω
CL2
S3
S1
S2
VCC
+1.5V
–1.5V
VID
1kΩ
1PPR = 250kHz, 50% DUTY CYCLE,
tR ≤ 6.0ns, ZO = 50Ω.
2CL INCLUDES PROBE AND STRAY CAPACITANCE.
Figure 15. Receiver Enable and Disable Times


유사한 부품 번호 - ADM3486EARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3486E AD-ADM3486E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

유사한 설명 - ADM3486EARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com