์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29LV641MH101EI ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 31 Page - SPANSION

๋ถ€ํ’ˆ๋ช… AM29LV641MH101EI
์ƒ์„ธ๋‚ด์šฉ  64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

AM29LV641MH101EI ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 31 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 60 page
 31 / 60 page
background image
December 21, 2005
Am29LV641MH/L
29
DA TA SH EET
The system can monitor DQ3 to determine if the sec-
tor erase timer has timed out (See the section on DQ3:
Sector Erase Timer.). The time-out begins from the ris-
ing edge of the final WE# pulse in the command
sequence.
When the Embedded Erase algorithm is complete, the
device returns to reading array data and addresses
are no longer latched. The system can determine the
status of the erase operation by reading DQ7, DQ6, or
DQ2 in the erasing sector. Refer to the Write Opera-
tion Status section for information on these status bits.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other com-
mands are ignored. However, note that a hardware
reset immediately terminates the erase operation. If
that occurs, the sector erase command sequence
should be reinitiated once the device has returned to
reading array data, to ensure data integrity.
Figure 7 illustrates the algorithm for the erase opera-
tion. Refer to the Erase and Program Operations ta-
bles in the AC Characteristics section for parameters,
and Figure 20 section for timing diagrams.
Erase Suspend/Erase Resume
Commands
The Erase Suspend command, B0h, allows the sys-
tem to interrupt a sector erase operation and then read
data from, or program data to, any sector not selected
for erasure. This command is valid only during the sec-
tor erase operation, including the 50 ยตs time-out pe-
riod during the sector erase command sequence. The
Erase Suspend command is ignored if written during
the chip erase operation or Embedded Program
algorithm.
When the Erase Suspend command is written during
the sector erase operation, the device requires a typi-
cal of 5 ยตs (maximum of 20 ยตs) to suspend the erase
operation. However, when the Erase Suspend com-
mand is written during the sector erase time-out, the
device immediately terminates the time-out period and
suspends the erase operation.
After the erase operation has been suspended, the
device enters the erase-suspend-read mode. The sys-
tem can read data from or program data to any sector
not selected for erasure. (The device โ€œerase sus-
pendsโ€ all sectors selected for erasure.) Reading at
any address within erase-suspended sectors pro-
duces status information on DQ7โ€“DQ0. The system
can use DQ7, or DQ6 and DQ2 together, to determine
if a sector is actively erasing or is erase-suspended.
Refer to the Write Operation Status section for infor-
mation on these status bits.
After an erase-suspended program operation is com-
plete, the device returns to the erase-suspend-read
mode. The system can determine the status of the
program operation using the DQ7 or DQ6 status bits,
just as in the standard word program operation.
Refer to the Write Operation Status section for more
information.
In the erase-suspend-read mode, the system can also
issue the autoselect command sequence. Refer to the
Autoselect Mode and Autoselect Command Sequence
sections for details.
To resume the sector erase operation, the system
must write the Erase Resume command. Fur ther
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the chip
has resumed erasing.
Note: During an erase operation, this flash device per-
forms multiple internal operations which are invisible
to the system. When an erase operation is suspended,
any of the internal operations that were not fully com-
pleted must be restarted. As such, if this flash device
is continually issued suspend/resume commands in
rapid succession, erase progress will be impeded as a
function of the number of suspends. The result will be
a longer cumulative erase time than without suspends.
Note that the additional suspends do not affect device
reliability or future performance. In most systems rapid
erase/suspend activity occurs only briefly. In this ex-
ample, erase performance will not be significantly im-
pacted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
AM29LV640MH64 Megabit 4 M x 16-Bit/8 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV2562M512 Megabit 16 M x 32-Bit/32 M x 16-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV641G64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV320MH32 Megabit 2 M x 16-Bit/4 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreSPANSION
AM29LV256M256 Megabit 16 M x 16-Bit/32 M x 8-Bit MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV033MU32 Megabit 4 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV128MH128 Megabit 8 M x 16-Bit/16 M x 8-Bit MirrorBitโ„ข 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV640MU64 Megabit 4 M x 16-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV065M64 Megabit 8 M x 8-Bit MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV642D128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 1 2 3 4 5 MoreAdvanced Micro Devices

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn