전자부품 데이터시트 검색엔진 |
|
AM49LV4608MT11IS 데이터시트(PDF) 40 Page - SPANSION |
|
AM49LV4608MT11IS 데이터시트(HTML) 40 Page - SPANSION |
40 / 63 page 38 Am49LV6408M November 5, 2003 ADV ANCE I N FO RMAT I O N ABSOLUTE MAXIMUM RATINGS Storage Temperature Plastic Packages . . . . . . . . . . . . . . . –65 °C to +150°C Ambient Temperature with Power Applied. . . . . . . . . . . . . . –65 °C to +125°C Voltage with Respect to Ground V CCf/VCCs (Note 1) . . . . . . . . . . . . –0.3 V to +4.0 V RESET#f (Note 2) . . . . . . . . . . . . –0.5 V to +12.5 V WP#/ACC . . . . . . . . . . . . . . . . . . –0.5 V to +10.5 V All other pins (Note 1) . . . . . . –0.5 V to V CC +0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is –0.5 V. Dur in g vo ltage tran sitions, inpu t or I/O pins may overshoot V SS to – 2.0 V for pe r iods of up to 2 0 ns. Maximum DC voltage on input or I/O pins is V CC +0.5 V. See Figure 10. During voltage transitions, input or I/O pins may overshoot to V CC +2.0 V for periods up to 20 ns. See Figure 11. 2. Minimum DC input voltage on pins A9, OE#, ACC, and RESET# is –0.5 V. During voltage transitions, A9, OE#, ACC, and RESET# may overshoot V SS to –2.0 V for periods of up to 20 ns. See Figure 10. Maximum DC input voltage on pin A9, OE#, ACC, and RESET# is +12.5 V which may overshoot to +14.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Ex posure of the d evice to absolute m aximum rating conditions for extended periods may affect device reliability. OPERATING RANGES Industrial (I) Devices Ambient Temperature (T A) . . . . . . . . . –40°C to +85°C Supply Voltages V CCf/VCCs for full voltage range . . . . . . . . . . 2.7–3.3 V Note: Operating ranges define those limits between which the functionality of the device is guaranteed. 20 ns 20 ns +0.8 V –0.5 V 20 ns –2.0 V Figure 10. Maximum Negative Overshoot Waveform 20 ns 20 ns V CC +2.0 V V CC +0.5 V 20 ns 2.0 V Figure 11. Maximum Positive Overshoot Waveform |
유사한 부품 번호 - AM49LV4608MT11IS |
|
유사한 설명 - AM49LV4608MT11IS |