전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB140DS22 데이터시트(PDF) 3 Page - SIPAT Co,Ltd

부품명 LB140DS22
상세설명  140MHz Low-loss SAW Filter 0.55MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPAT [SIPAT Co,Ltd]
홈페이지  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS22 데이터시트(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS22 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS22 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS22 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS22
Rev. Date
2005-4-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz Low-loss SAW Filter
0.55MHz Bandwidth
Part Number: LB140DS22
Typical Performance
Frequency Respond
Passband Respond
139.2
139.4
139.6
139.8
140
140.2
140.4
140.6
140.8
-15
-14
-13
-12
-11
-10
-9
-8
-7
Type performance
Frequency(MHz)
Group Delay Variation(f0±250kHz)
Phase Linearity(f0±250kHz)
Simth Chart S11
Simth Chart S22


유사한 부품 번호 - LB140DS22

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LB140DS22 SIPAT-LB140DS22 Datasheet
158Kb / 3P
   140MHz Low-loss SAW Filter
More results

유사한 설명 - LB140DS22

제조업체부품명데이터시트상세설명
logo
SIPAT Co,Ltd
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS25 SIPAT-LB140DS25 Datasheet
298Kb / 3P
   140MHz Low-loss SAW Filter 1.75MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
   140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LB140DS07 SIPAT-LB140DS07 Datasheet
146Kb / 3P
   140MHz Low-loss SAW Filter 7MHz Bandwidth
logo
Oscilent Corporation
813-SL140.0M-10 OSCILENT-813-SL140.0M-10_14 Datasheet
128Kb / 4P
   Low-Loss 140MHz IF SAW Filter 9.4MHz Bandwidth
813-SL140.0M-05 OSCILENT-813-SL140.0M-05_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 4.8MHz Bandwidth
813-SL140.0M-07 OSCILENT-813-SL140.0M-07_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 7.4MHz Bandwidth
813-SL140.0M-10B OSCILENT-813-SL140.0M-10B_14 Datasheet
118Kb / 4P
   Low-Loss 140MHz IF SAW Filter 9.1MHz Bandwidth
813-SL140.0M-15 OSCILENT-813-SL140.0M-15_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 14.8MHz Bandwidth
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com