전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032J0JQFI100 데이터시트(PDF) 22 Page - SPANSION

부품명 S29CD032J0JQFI100
상세설명  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J0JQFI100 데이터시트(HTML) 22 Page - SPANSION

Back Button S29CD032J0JQFI100 Datasheet HTML 18Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 19Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 20Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 21Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 22Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 23Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 24Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 25Page - SPANSION S29CD032J0JQFI100 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
20
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
8.2
Asynchronous Read
All memories require access time to output array data. In an asynchronous read operation, data is read from
one memory location at a time. Addresses are presented to the device in random order, and the propagation
delay through the device causes the data on its outputs to arrive asynchronously with the address on its
inputs.
The internal state machine is set for asynchronously reading array data upon device power-up, or after a
hardware reset. This ensures that no spurious alteration of the memory content occurs during the power
transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles
that assert valid addresses on the device address inputs produce valid data on the device data outputs. The
device remains enabled for read access until the command register contents are altered.
The device has two control functions which must be satisfied in order to obtain data at the outputs. CE# is the
power control and should be used for device selection (CE# must be set to VIL to read data). OE# is the
output control and should be used to gate data to the output pins if the device is selected (OE# must be set to
VIL in order to read data). WE# should remain at VIH (when reading data).
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable addresses and stable CE# to valid data at the output pins. The
output enable access time (tOE) is the delay from the falling edge of OE# to valid data at the output pins
(assuming the addresses have been stable for at least a period of tACC-tOE and CE# has been asserted for at
least tCE-tOE time). Figure 8.1 shows the timing diagram of an asynchronous read operation.
Figure 8.1 Asynchronous Read Operation
Note
Operation is shown for the 32-bit data bus. For the 16-bit data bus, A-1 is required.
Refer to Section 18.2, Asynchronous Operations on page 52 for timing specifications and to Figure 18.2,
Conventional Read Operations Timings on page 52 for another timing diagram. ICC1 in the DC
Characteristics table represents the active current specification for reading array data.
8.3
Hardware Reset (RESET#)
The RESET# pin is an active low signal that is used to reset the device under any circumstances. A logic “0”
on this input forces the device out of any mode that is currently executing back to the reset state. RESET#
may be tied to the system reset circuitry. A system reset would thus also reset the device. To avoid a potential
bus contention during a system reset, the device is isolated from the DQ data bus by tristating the data
outputs for the duration of the RESET pulse. All data outputs are “don’t care” during the reset operation.
If RESET# is asserted during a program or erase operation, the RY/BY# output remains low until the reset
operation is internally complete. The RY/BY# pin can be used to determine when the reset operation is
complete. Since the device offers simultaneous read/write operation, the host system may read a bank after a
period of tREADY2, if the bank was in the read/reset mode at the time RESET# was asserted. If one of the
D0
D1
D2
D3
D3
CE#
CLK
ADV#
Addresses
Data
OE#
WE#
IND/WAIT#
VIH
Float
VOH
Address 0
Address 1
Address 2
Address 3
Float


유사한 부품 번호 - S29CD032J0JQFI100

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032J SPANSION-S29CD032J Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
More results

유사한 설명 - S29CD032J0JQFI100

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com