์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71AL016D ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 46 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71AL016D
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71AL016D ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 46 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 76 page
 46 / 76 page
background image
46
S29AL016D
S29AL016D_00_A1_E August 4, 2004
Advan ce
In form ati o n
AC Characteristics
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 11 for test specifications.
Parameter
Description
Speed Options
JEDEC
Std
Test Setup
70
90
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
70
90
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
70
90
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
70
90
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
35
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
25
30
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
25
30
ns
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tOH
Figure 13. Read Operations Timings


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn