전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71AL016D 데이터시트(HTML) 14 Page - SPANSION

부품명 S71AL016D
상세내용  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71AL016D 데이터시트(HTML) 14 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 76 page
 14 / 76 page
background image
14
S29AL016D
S29AL016D_00_A1_E August 4, 2004
Advan ce
In form ati o n
Product Selector Guide
Note: See “AC Characteristics” for full specifications.
Block Diagram
Family Part Number
S29AL016D
Speed Option
Voltage Range: VCC = 2.7–3.6 V
70
90
Max access time, ns (tACC)
70
90
Max CE# access time, ns (tCE)
70
90
Max OE# access time, ns (tOE)
30
35
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
BYTE#
CE#
OE#
STB
STB
DQ0
DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn