전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71AL016D 데이터시트(HTML) 15 Page - SPANSION

부품명 S71AL016D
상세내용  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71AL016D 데이터시트(HTML) 15 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 76 page
 15 / 76 page
background image
August 4, 2004 S29AL016D_00_A1_E
S29AL016D
15
Ad vance
Info rmat i o n
Device Bus Operations
This section describes the requirements and use of the device bus operations,
which are initiated through the internal command register. The command register
itself does not occupy any addressable memory location. The register is com-
posed of latches that store the commands, along with the address and data
information needed to execute the command. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the
function of the device. Table 1 lists the device bus operations, the inputs and con-
trol levels they require, and the resulting output. The following subsections
describe each of these operations in further detail.
Table 1. S29AL016D Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT
= Data Out
Notes:
1. Addresses are A19:A0 in word mode (BYTE# = VIH), A19:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the
“Sector Protection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in
the byte or word configuration. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and controlled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte configuration, and only
data I/O pins DQ0–DQ7 are active and controlled by CE# and OE#. The data I/
O pins DQ8–DQ14 are tri-stated, and the DQ15 pin is used as an input for the
LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE# pins
to VIL. CE# is the power control and selects the device. OE# is the output control
Operation
CE# OE# WE# RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ±
0.3 V
X
X
VCC ±
0.3 V
X
High-Z High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z High-Z
High-Z
Reset
X
X
X
L
X
High-Z High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
Sector Address,
A6 = L, A1 = H,
A0 = L
DIN
X
X
Sector Unprotect (Note 2)
L
H
L
VID
Sector Address,
A6 = H, A1 = H,
A0 = L
DIN
X
X
Temporary Sector
Unprotect
X
X
X
VID
AIN
DIN
DIN
High-Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn