전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71AL016M 데이터시트(HTML) 45 Page - SPANSION

부품명 S71AL016M
상세내용  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71AL016M 데이터시트(HTML) 45 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 68 page
 45 / 68 page
background image
February 23, 2005 S71AL016M_M0_A0
S71AL016M
45
Advanc e
Informatio n
DC Characteristics
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. Typical VCC is 3.0 V.
2. Maximum ICC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. At extended temperature range (>+85°C), typical current is 5 µA and maximum current is 10 µA.
5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
6. Not 100% tested.
7. VCC voltage requirements.
Table 12. CMOS Compatible
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILR
Reset Leakage Current
VCC = VCC max; RESET# = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1, 2)
CE# = VIL, OE# = VIH,
10 MHz
35
50
mA
5 MHz
15
20
1 MHz
2.5
10
ICC2
VCC Active Write Current
(Notes 2, 3, 5)
CE# = VIL, OE# = VIH
40
60
mA
ICC3
VCC Standby Current (Notes 2, 4) CE#, RESET# = VCC ± 0.3 V
0.4
5
µA
ICC4
VCC Standby Current During Reset
(Notes 2, 4)
RESET# = VSS ± 0.3 V
0.8
5
µA
ICC5
Automatic Sleep Mode
(Notes 2, 4, 6)
VIH = VCC ± 0.3 V;
-0.1 < VIL ≤ 0.3 V
0.4
5
µA
VIL
Input Low Voltage (Notes 6, 7)
-0.5
0.6
V
VIH
Input High Voltage (Notes 6, 7)
0.7 VCC
VCC + 0.5
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 3.3 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage
IOH = -2.0 mA, VCC = VCC min
0.85 x VCC
V
VOH2
IOH = -100 µA, VCC = VCC min
VCC–0.4
VLKO
Low VCC Lock-Out Voltage (Note 4)
2.3
2.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn