์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71AL016M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 25 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71AL016M
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71AL016M ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 25 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 68 page
 25 / 68 page
background image
February 23, 2005 S71AL016M_M0_A0
S71AL016M
25
Advanc e
Informatio n
SecSi (Secured Silicon) Sector Flash Memory Region
The SecSi (Secured Silicon) Sector feature provides a Flash memory region that
enables permanent part identification through an Electronic Serial Number
(ESN). The SecSi Sector is 256 bytes in length, and uses a SecSi Sector Indica-
tor Bit (DQ7) to indicate whether or not the SecSi Sector is locked when shipped
from the factory. This bit is permanently set at the factory and cannot be
changed, which prevents cloning of a factory locked part. This ensures the secu-
rity of the ESN once the product is shipped to the field.
The device is offered with the SecSi Sector either customer lockable (standard
shipping option) or factory locked (contact a sales office or representative for or-
dering information). The customer-lockable version is shipped with the SecSi
Sector unprotected, allowing customers to program the sector after receiving
the device. The customer-lockable version also contains the SecSi Sector Indica-
tor Bit permanently set to a 0. The factory-locked version is always protected
when shipped from the factory, and contains the SecSi (Secured Silicon) Sector
Indicator Bit permanently set to a 1. Thus, the SecSi Sector Indicator Bit pre-
vents customer-lockable devices from being used to replace devices that are
factory locked. Note that the ACC function and unlock bypass modes are not
available when the SecSi Sector is enabled.
The SecSi sector address space in this device is allocated as follows:
The system accesses the SecSi Sector through a command sequence (see โ€œEn-
ter SecSi Sector/Exit SecSi Sector Command Sequenceโ€). After the system
writes the Enter SecSi Sector command sequence, it may read the SecSi Sector
by using the addresses given in Table 5. This mode of operation continues until
the system issues the Exit SecSi Sector command sequence, or until power is
removed from the device. On power-up, or following a hardware reset, the de-
vice reverts to sending commands to sector SA0.
Customer Lockable: SecSi Sector NOT Programmed or Protected
At the Factory
Unless otherwise specified, the device is shipped such that the customer may
program and protect the 256-byte SecSi sector.
The system may program the SecSi Sector using the write-buffer, accelerated
and/or unlock bypass methods, in addition to the standard programming com-
mand sequence. See Command Definitions.
Programming and protecting the SecSi Sector must be used with caution since,
once protected, there is no procedure available for unprotecting the SecSi Sec-
tor area and none of the bits in the SecSi Sector memory space can be modified
in any way.
The SecSi Sector area can be protected using one of the following procedures:
Write the three-cycle Enter SecSi Sector Region command sequence, and
then follow the in-system sector protect algorithm as shown in Figure 2, on
page 24, except that RESET# may be at either VIH or VID. This allows in-sys-
Table 5. SecSi Sector Addressing
SecSi Sector Address Range
Customer Lockable
ESN Factory
Locked
ExpressFlash
Factory Locked
x16
0F8000hโ€“
0F8007h
Determined by
customer
ESN
ESN or determined
by customer
0F8008hโ€“
0F807Fh
Unavailable
Determined
by customer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn