전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032J0JQFI002 데이터시트(PDF) 69 Page - SPANSION

부품명 S29CD032J0JQFI002
상세설명  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J0JQFI002 데이터시트(HTML) 69 Page - SPANSION

Back Button S29CD032J0JQFI002 Datasheet HTML 65Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 66Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 67Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 68Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 69Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 70Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 71Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 72Page - SPANSION S29CD032J0JQFI002 Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
67
Da ta
Shee t
(Prelim i nar y )
Table 19.3 Device Geometry Definition
Addresses
Data
Description
27h
(see description)
Device Size = 2
N byte
0015h = 16 Mb device
0016h = 32 Mb device
28h
29h
0003h
0000h
Flash Device Interface description (for complete description, please refer to CFI
publication 100)
0000 = x8-only asynchronous interface
0001 = x16-only asynchronous interface
0002 = supports x8 and x16 via BYTE# with asynchronous interface
0003 = x 32-only asynchronous interface
0005 = supports x16 and x32 via WORD# with asynchronous interface
2Ah
2Bh
0000h
0000h
Max. number of byte in multi-byte program = 2
N
(00h = not supported)
2Ch
0003h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
0007h
0000h
0020h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
(See description)
0000h
0000h
0001h
Erase Block Region 2 Information
(refer to the CFI specification or CFI publication 100)
Address 31h data:
001Dh = 16 Mb device
003Dh = 32 Mb device
35h
36h
37h
38h
0007h
0000h
0020h
0000h
Erase Block Region 3 Information
(refer to the CFI specification or CFI publication 100)
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
(refer to the CFI specification or CFI publication 100)
Table 19.4 CFI Primary Vendor-Specific Extended Query (Sheet 1 of 2)
Addresses
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string PRI
43h
0031h
Major version number, ASCII (reflects modifications to the silicon)
44h
0033h
Minor version number, ASCII (reflects modifications to the CFI table)
45h
0004h
Address Sensitive Unlock (DQ1, DQ0)
00 = Required, 01 = Not Required
Silicon Revision Number (DQ5–DQ2)
0000 = CS49
0001 = CS59
0010 = CS99
0011 = CS69
0100 = CS119
46h
0002h
Erase Suspend (1 byte)
00 = Not Supported
01 = To Read Only
02 = To Read and Write
47h
0001h
Sector Protect (1 byte)
00 = Not Supported, X = Number of sectors in per group
48h
0000h
Temporary Sector Unprotect
00h = Not Supported, 01h = Supported


유사한 부품 번호 - S29CD032J0JQFI002

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032J SPANSION-S29CD032J Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
More results

유사한 설명 - S29CD032J0JQFI002

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com