전자부품 데이터시트 검색엔진 |
|
S71GL016A 데이터시트(PDF) 3 Page - SPANSION |
|
S71GL016A 데이터시트(HTML) 3 Page - SPANSION |
3 / 9 page This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice. Publication Number S71GL016A_00 Revision A Amendment 1 Issue Date June 20, 2006 Features Power supply voltage of 2.7 V to 3.1 V High performance – 100 ns (100 ns Flash, 70 ns pSRAM/SRAM) Packages – 7 x 9 x 1.2 mm 56 ball FBGA Operating Temperature – –25°C to +85°C General Description The S71GL series is a product line of stacked Multi-Chip Product (MCP) packages and consists of: One S29GL016A Flash memory die pSRAM The products covered by this document are listed in the table below: For detailed specifications, please refer to the individual data sheets. . S71GL016A Based MCPs Stacked Multi-Chip Product (MCP) Flash Memory and RAM 16 Megabit (1M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory 4 Megabit (256K x 16-bit) pSRAM Data Sheet (Advance Information) Flash Memory Density 16Mb pSRAM Density 4Mb S71GL016A40 Document Publication Identification Number (PID) S29GL-A S29GL-A_00 pSRAM Type 4 psram_18 |
유사한 부품 번호 - S71GL016A |
|
유사한 설명 - S71GL016A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |