전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71GL512NB0 데이터시트(PDF) 53 Page - SPANSION

부품명 S71GL512NB0
상세설명  Stacked Multi-chip Product (MCP)
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL512NB0 데이터시트(HTML) 53 Page - SPANSION

Back Button S71GL512NB0 Datasheet HTML 49Page - SPANSION S71GL512NB0 Datasheet HTML 50Page - SPANSION S71GL512NB0 Datasheet HTML 51Page - SPANSION S71GL512NB0 Datasheet HTML 52Page - SPANSION S71GL512NB0 Datasheet HTML 53Page - SPANSION S71GL512NB0 Datasheet HTML 54Page - SPANSION S71GL512NB0 Datasheet HTML 55Page - SPANSION S71GL512NB0 Datasheet HTML 56Page - SPANSION S71GL512NB0 Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 147 page
background image
June 14, 2004 S29GLxxxN_00_A4
S29GLxxxN MirrorBitTM Flash Family
53
Ad vance
Info rmat i o n
than once into the buffer, the final data loaded for that address will be
programmed.
Once the specified number of write buffer locations have been loaded, the system
must then write the Program Buffer to Flash command at the sector address. Any
other address and data combination aborts the Write Buffer Programming oper-
ation. The device then begins programming. Data polling should be used while
monitoring the last address location loaded into the write buffer. DQ7, DQ6, DQ5,
and DQ1 should be monitored to determine the device status during Write Buffer
Programming.
The write-buffer programming operation can be suspended using the standard
program suspend/resume commands. Upon successful completion of the Write
Buffer Programming operation, the device is ready to execute the next command.
The Write Buffer Programming Sequence can be aborted in the following ways:
Load a value that is greater than the page buffer size during the Number of
Locations to Program step.
Write to an address in a sector different than the one specified during the
Write-Buffer-Load command.
Write an Address/Data pair to a different write-buffer-page than the one se-
lected by the Starting Address during the write buffer data loading stage of
the operation.
Write data other than the Confirm Command after the specified number of
data load cycles.
The abort condition is indicated by DQ1 = 1, DQ7 = DATA# (for the last address
location loaded), DQ6 = toggle, and DQ5=0. A Write-to-Buffer-Abort Reset com-
mand sequence must be written to reset the device for the next operation. Note
that the full 3-cycle Write-to-Buffer-Abort Reset command sequence is required
when using Write-Buffer-Programming features in Unlock Bypass mode.
Write buffer programming is allowed in any sequence. Note that the Secured Sil-
icon sector, autoselect, and CFI functions are unavailable when a program
operation is in progress. This flash device is capable of handling multiple write
buffer programming operations on the same write buffer address range without
intervening erases. For applications requiring an excessive number of such re-
peated write buffer programming operations, please contact your local Spansion
representative. Any bit in a write buffer address range cannot be pro-
grammed from “0” back to a “1.” Attempting to do so may cause the device
to set DQ5 = 1, or cause the DQ7 and DQ6 status bits to indicate the operation
was successful. However, a succeeding read will show that the data is still “0.”
Only erase operations can convert a “0” to a “1.”
Accelerated Program
The device offers accelerated program operations through the WP#/ACC pin.
When the system asserts VHH on the WP#/ACC pin, the device automatically en-
ters the Unlock Bypass mode. The system may then write the two-cycle Unlock
Bypass program command sequence. The device uses the higher voltage on the
WP#/ACC pin to accelerate the operation. Note that the WP#/ACC pin must not
be at VHH for operations other than accelerated programming, or device damage
may result. WP# has an internal pullup; when unconnected, WP# is at VIH.
Figure 3 illustrates the algorithm for the program operation. Refer to the Erase
and Program Operations–“AC Characteristics” section on page 80 section for pa-
rameters, and Figure 14 for timing diagrams.


유사한 부품 번호 - S71GL512NB0

제조업체부품명데이터시트상세설명
logo
SPANSION
S71GL512NC0 SPANSION-S71GL512NC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
More results

유사한 설명 - S71GL512NB0

제조업체부품명데이터시트상세설명
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com