전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71GL016A40BAW3J3 데이터시트(PDF) 7 Page - SPANSION

부품명 S71GL016A40BAW3J3
상세설명  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL016A40BAW3J3 데이터시트(HTML) 7 Page - SPANSION

  S71GL016A40BAW3J3 Datasheet HTML 1Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 2Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 3Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 4Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 5Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 6Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 7Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 8Page - SPANSION S71GL016A40BAW3J3 Datasheet HTML 9Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
June 20, 2006 S71GL016A_00_A1
S71GL016A Based MCPs
5
Da ta
S h ee t
(A dv an c e
In f o r m a t i o n)
6.
Ordering Information
The order number is formed by a valid combinations of the following:
6.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Note:
Type 0 is standard. Specify other options as required.
S71GL
016
A
40
BA
W
3J
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
Model Number
See the Valid Combinations table
Temperature Range
W = Wireless (-25×C to +85×C)
Package Type
BA = Fine-pitch BGA Lead (Pb)-free compliant package
BF = Fine-pitch BGA Lead (Pb)-free package
pSRAM Density
40 = 4 Mb pSRAM
Process Technology
A = 200 nm, MirrorBit Technology
Flash Density
016= 16Mb
Product Family
S71GL Multi-chip Product (MCP) 3.0-volt Page Mode Flash Memory and RAM
Base Ordering
Part Number
Package &
Temperature
Package Modifier/
Model Number
Packing
Type
Speed Options (ns)/
Boot Sector Option
pSRAM Type/
Access Time (ns)
Package
Marking
S71GL016A40
BAW
3J
0, 2, 3
(See Note)
100 / Bottom Boot Sector
pSRAM4/ 70
TLC056
S71GL016A40
1J
100 / Top Boot Sector
S71GL016A40
BFW
3J
100 / Bottom Boot Sector
S71GL016A40
1J
100 / Top Boot Sector


유사한 부품 번호 - S71GL016A40BAW3J3

제조업체부품명데이터시트상세설명
logo
SPANSION
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0B0 SPANSION-S71GL032A04BAI0B0 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0B2 SPANSION-S71GL032A04BAI0B2 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0B3 SPANSION-S71GL032A04BAI0B3 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A04BAI0F0 SPANSION-S71GL032A04BAI0F0 Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results

유사한 설명 - S71GL016A40BAW3J3

제조업체부품명데이터시트상세설명
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
SPANSION
S71PL064JA0BFW0P0 SPANSION-S71PL064JA0BFW0P0 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com