전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI010 데이터시트(PDF) 55 Page - SPANSION

부품명 S29CD032G0JQAI010
상세설명  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI010 데이터시트(HTML) 55 Page - SPANSION

Back Button S29CD032G0JQAI010 Datasheet HTML 51Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 52Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 53Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 54Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 55Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 56Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 57Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 58Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
53
Pr el im i n a r y
Since this is a volatile bit, removing power or resetting the device clears the DYBs. The bank ad-
dress is latched when the command is written.
The DYB Write command is permitted if the Secured Silicon sector is enabled.
PPB Lock Bit Set
The PPB Lock Bit set command is used for setting the DYB, which is a volatile bit that is cleared
at reset. There is one DYB per sector. If the PPB is set, the sector is protected regardless of the
value of the DYB. If the PPB is cleared, setting the DYB to a 1 protects the sector from programs
or erases. Since this is a volatile bit, removing power or resetting the device clears the DYBs. The
bank address is latched when the command is written.
The PPB Lock command is permitted if the Secured Silicon sector is enabled.
DYB Status
The programming of the DYB for a given sector can be verified by writing a DYB status verify com-
mand to the device.
PPB Status
The programming of the PPB for a given sector can be verified by writing a PPB status verify com-
mand to the device.
PPB Lock Bit Status
The programming of the PPB Lock Bit for a given sector can be verified by writing a PPB Lock Bit
status verify command to the device.
Non-volatile Protection Bit Program And Erase Flow
The device uses a standard command sequence for programming or erasing the Secured Silicon
Sector Protection, Password Locking, Persistent Sector Protection Mode Locking, or Persistent Pro-
tection Bits. Unlike devices that have the Single High Voltage Sector Unprotect/Protect feature,
the device has the standard two-cycle unlock followed by 60h, which places the device into non-
volatile bit program or erase mode. Once the mode is entered, the specific non-volatile bit status
is read on DQ0. Figure 4 on page 45 shows a typical flow for programming the non-volatile bit
and Figure 5 on page 48 shows a typical flow for erasing the non-volatile bits. The Secured Silicon
Sector Protection, Password Locking, Persistent Sector Protection Mode Locking bits are not
erasable after they are programmed. However, the PPBs are both erasable and programmable
(depending upon device security).
Unlike Single High Voltage Sector Protect/Unprotect, the A6 pin no longer functions as the pro-
gram/erase selector nor the program/erase margin enable. Instead, this function is accomplished
by issuing the specific command for either program (68h) or erase (60h).
In asynchronous mode, the DQ6 toggle bit indicates whether the program or erase sequence is
active. (In synchronous mode, ADV# indicates the status.) If the DQ6 toggle bit toggles with ei-
ther OE# or CE#, the non-volatile bit program or erase operation is in progress. When DQ6 stops
toggling, the value of the non-volatile bit is available on DQ0.


유사한 부품 번호 - S29CD032G0JQAI010

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI010 SPANSION-S29CD032G0JQAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

유사한 설명 - S29CD032G0JQAI010

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com