전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI010 데이터시트(PDF) 84 Page - SPANSION

부품명 S29CD032G0JQAI010
상세설명  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI010 데이터시트(HTML) 84 Page - SPANSION

Back Button S29CD032G0JQAI010 Datasheet HTML 79Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 80Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 81Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 82Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 83Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 84Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 85Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 86Page - SPANSION S29CD032G0JQAI010 Datasheet HTML 87Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
82
S29CD-G Flash Family
S29CD-G_00_B0 November 14, 2005
Prel imi n ary
Table number 24. Asynchronous Read Operations
OM speed options; Output Enable to Output Delay “20” added.
Table 26. Hardware Reset
Last row deleted.
Erase/Program Operations
TWADVH row added. TWCKS row added.
Table 27. Alternate CE# Controlled Erase/Program Operations
TWPH row added, TWADVH row added, TWCKS row added.
Physical Dimensions
Latchup characteristics deleted.
Pin Description
“WAIT# Provides data valid feedback only when the burst length is set to
continuous.” Removed from document.
Revision A3 (May 26, 2004)
Block Diagram on page 6
Moved RESET# to point to the State Control/Command Register.
Figure 2, on page 22
Updated note added “Double-Word” to figure title.
Table 9, “Configuration Register Definitions,” on page 24
Added “CR14 = Automatic Sleep Mode...” configurations.
Table 1, “Sector Addresses for Ordering Option 00,” on page 33
Re-inserted previously missing data.
Removed “Note 1” from Sector SA1.
Added “Note 3” to Sector SA44 and SA45.
Moved Sectors SA15 - SA30 to Bank 1.
Table on page 35
Added “Note 3” to Sector SA45.
Revision A4 (November 5, 2004)
Global
Added reference links
Added Colophon
Updated Trademark
Product Selector Guide
Removed note from Product Selector Guide table


유사한 부품 번호 - S29CD032G0JQAI010

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI010 SPANSION-S29CD032G0JQAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

유사한 설명 - S29CD032G0JQAI010

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com