전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71GLXXXNC0 데이터시트(HTML) 56 Page - SPANSION

부품명 S71GLXXXNC0
상세내용  Stacked Multi-chip Product (MCP)
Download  122 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71GLXXXNC0 데이터시트(HTML) 56 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 122 page
 56 / 122 page
background image
56
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
Persistent Protection Mode Lock Bit allows the user to set the device perma-
nently to operate in the Persistent Protection Mode
Password Protection Mode Lock Bit allows the user to set the device perma-
nently to operate in the Password Protection Mode
Table 6. Lock Register
Persistent Sector Protection
The Persistent Sector Protection method replaces the old 12 V controlled protec-
tion method while at the same time enhancing flexibility by providing three
different sector protection states:
Dynamically Locked-The sector is protected and can be changed by a sim-
ple command
Persistently Locked-A sector is protected and cannot be changed
Unlocked-The sector is unprotected and can be changed by a simple com-
mand
In order to achieve these states, three types of “bits” are going to be used:
Dynamic Protection Bit (DYB)
A volatile protection bit is assigned for each sector. After power-up or hardware
reset, the contents of all DYB bits are in the “unprotected state”. Each DYB is in-
dividually modifiable through the DYB Set Command and DYB Clear Command.
When the parts are first shipped, all of the Persistent Protect Bits (PPB) are
cleared into the unprotected state. The DYB bits and PPB Lock bit are defaulted
to power up in the cleared state or unprotected state - meaning the all PPB bits
are changeable.
The Protection State for each sector is determined by the logical OR of the PPB
and the DYB related to that sector. For the sectors that have the PPB bits cleared,
the DYB bits control whether or not the sector is protected or unprotected. By is-
suing the DYB Set and DYB Clear command sequences, the DYB bits will be
protected or unprotected, thus placing each sector in the protected or unpro-
tected state. These are the so-called Dynamic Locked or Unlocked states. They
are called dynamic states because it is very easy to switch back and forth be-
tween the protected and un-protected conditions. This allows software to easily
protect sectors against inadvertent changes yet does not prevent the easy re-
moval of protection when changes are needed.
The DYB bits maybe set or cleared as often as needed. The PPB bits allow for a
more static, and difficult to change, level of protection. The PPB bits retain their
state across power cycles because they are Non-Volatile. Individual PPB bits are
set with a program command but must all be cleared as a group through an erase
command.
The PPB Lock Bit adds an additional level of protection. Once all PPB bits are pro-
grammed to the desired settings, the PPB Lock Bit may be set to the “freeze
state”. Setting the PPB Lock Bit to the “freeze state” disables all program and
erase commands to the Non-Volatile PPB bits. In effect, the PPB Lock Bit locks the
PPB bits into their current state. The only way to clear the PPB Lock Bit to the
DQ15-3
DQ2
DQ1
DQ0
Don’t Care
Password Protection
Mode Lock Bit
Persistent Protection
Mode Lock Bit
Secured Silicon
Sector Protection
Bit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn