전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71GLXXXNC0 데이터시트(HTML) 60 Page - SPANSION

부품명 S71GLXXXNC0
상세내용  Stacked Multi-chip Product (MCP)
Download  122 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71GLXXXNC0 데이터시트(HTML) 60 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 122 page
 60 / 122 page
background image
60
S29GLxxxN MirrorBitTM Flash Family
S29GLxxxN_MCP_A1 December 15, 2004
Advan ce
In form ati o n
programmed, the Persistent Protection Mode Lock Bit is disabled from program-
ming, guaranteeing that no changes to the protection scheme are allowed.
64-bit Password
The 64-bit Password is located in its own memory space and is accessible through
the use of the Password Program and Password Read commands. The password
function works in conjunction with the Password Protection Mode Lock Bit, which
when programmed, prevents the Password Read command from reading the con-
tents of the password on the pins of the device.
Persistent Protection Bit Lock (PPB Lock Bit)
A global volatile bit. The PPB Lock Bit is a volatile bit that reflects the state of the
Password Protection Mode Lock Bit after power-up reset. If the Password Protec-
tion Mode Lock Bit is also programmed after programming the Password, the
Password Unlock command must be issued to clear and unfreeze the PPB Lock Bit
after a hardware reset (RESET# asserted) or a power-up reset. Successful exe-
cution of the Password Unlock command clears and unfreezes the PPB Lock Bit,
allowing for sector PPB bits to be modified. Without issuing the Password Unlock
command, while asserting RESET#, taking the device through a power-on reset,
or issuing the PPB Lock Bit Set command sets the PPB Lock Bit to a the “freeze
state”.
If the Password Protection Mode Lock Bit is not programmed, the device defaults
to Persistent Protection Mode. In the Persistent Protection Mode, the PPB Lock Bit
is cleared to the “unfreeze state” after power-up or hardware reset. The PPB Lock
Bit is set to the “freeze state” by issuing the PPB Lock Bit Set command. Once set
to the “freeze state” the only means for clearing the PPB Lock Bit to the “unfreeze
state” is by issuing a hardware or power-up reset. The Password Unlock com-
mand is ignored in Persistent Protection Mode.
Reading the PPB Lock Bit requires a 200ns access time.
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a Flash memory region that enables
permanent part identification through an Electronic Serial Number (ESN). The
Secured Silicon Sector is 256 bytes in length, and uses a Secured Silicon Sector
Indicator Bit (DQ7) to indicate whether or not the Secured Silicon Sector is locked
when shipped from the factory. This bit is permanently set at the factory and can-
not be changed, which prevents cloning of a factory locked part. This ensures the
security of the ESN once the product is shipped to the field.
The factory offers the device with the Secured Silicon Sector either customer
lockable (standard shipping option) or factory locked (contact an AMD sales rep-
resentative for ordering information). The customer-lockable version is shipped
with the Secured Silicon Sector unprotected, allowing customers to program the
sector after receiving the device. The customer-lockable version also has the Se-
cured Silicon Sector Indicator Bit permanently set to a “0.” The factory-locked
version is always protected when shipped from the factory, and has the Secured
Silicon Sector Indicator Bit permanently set to a “1.” Thus, the Secured Silicon
Sector Indicator Bit prevents customer-lockable devices from being used to re-
place devices that are factory locked. Note that the ACC function and unlock
bypass modes are not available when the Secured Silicon Sector is enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn