전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71GLXXXNC0 데이터시트(HTML) 91 Page - SPANSION

부품명 S71GLXXXNC0
상세내용  Stacked Multi-chip Product (MCP)
Download  122 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71GLXXXNC0 데이터시트(HTML) 91 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 122 page
 91 / 122 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
91
Ad vance
Info rmat i o n
DC Characteristics
CMOS Compatible-S29GL128N, S29GL256N, S29GL512N
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Erase or Embedded Program or Write Buffer Programming is in progress.
3. Not 100% tested.
4. Automatic sleep mode enables the lower power mode when addresses remain stable tor tACC + 30 ns.
5. VIO = 1.65–1.95 V or 2.7–3.6 V
6. VCC = 3 V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at 3V.
Parameter
Symbol
Parameter Description
(Notes)
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current (1)
VIN = VSS to VCC,
VCC = VCC max
WP/ACC: ±2.0
µA
Others: ±1.0
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current (1)
CE# = VIL, OE# = VIH, VCC = VCCmax,
f = 5 MHz
30
50
mA
CE# = VIL, OE# = VIH, VCC = VCCmax,
f = 10 MHz
60
90
ICC2
VCC Intra-Page Read Current (1)
CE# = VIL, OE# = VIH, VCC = VCCmax
f = 10 MHz
110
mA
CE# = VIL, OE# = VIH, VCC = VCCmax,
f=33 MHz
520
ICC3
VCC Active Erase/Program Current (2, 3) CE# = VIL, OE# = VIH, VCC = VCCmax
50
80
mA
ICC4
VCC Standby Current
CE#, RESET# = VSS ± 0.3 V, OE# =
VIH, VCC = VCCmax VIL = VSS + 0.3 V/-
0.1V
15
mA
ICC5
VCC Reset Current
VCC = VCCmax;
VIL = VSS + 0.3 V/-0.1V,
RESET# = VSS ± 0.3 V
15
µA
ICC6
Automatic Sleep Mode (4)
VCC = VCCmax
VIH = VCC ± 0.3 V,
VIL = VSS + 0.3 V/-0.1V,
WP#/ACC = VIH
15
µA
IACC
ACC Accelerated Program Current
CE# = VIL, OE# = VIH, VCC = VCCmax,
WP#/ACC = VIH
WP#/ACC
pin
10
20
mA
VCC pin
50
80
VIL
Input Low Voltage (5)
–0.1
0.3 x VIO
V
VIH
Input High Voltage (5)
0.7 x VIO
VIO + 0.3
V
VHH
Voltage for ACC Erase/Program
Acceleration
VCC = 2.7 –3.6 V
11.5
12.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 2.7 –3.6 V
11.5
12.5
V
VOL
Output Low Voltage (5)
IOL = 100 µA
0.15 x VIO
V
VOH
Output High Voltage (5)
IOH = -100 µA
0.85 x VIO
V
VLKO
Low VCC Lock-Out Voltage (3)
2.3
2.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn