전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71GLXXXNC0 데이터시트(HTML) 93 Page - SPANSION

부품명 S71GLXXXNC0
상세내용  Stacked Multi-chip Product (MCP)
Download  122 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71GLXXXNC0 데이터시트(HTML) 93 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 122 page
 93 / 122 page
background image
December 15, 2004 S29GLxxxN_MCP_A1
S29GLxxxN MirrorBitTM Flash Family
93
Ad vance
Info rmat i o n
AC Characteristics
Read-Only Operations–S29GL128N, S29GL256N, S29GL512N
Notes:
1. Not 100% tested.
2. CE#, OE# = VIL
3. OE# = VIL
4. See Figure 9 and Table 14 for test specifications.
5. Unless otherwise indicated, AC specifications for 90 ns, 100 ns, and 110 ns speed options are tested with VIO = VCC = 3 V.
AC specifications for 110 ns speed options are tested with VIO = 1.8 V and VCC = 3.0 V.
Parameter
Description
Test Setup
Speed Options
JEDEC Std.
90 100 110 110 Unit
tAVAV
tRC Read Cycle Time
VIO = VCC = 3 V
Min
90
100 110
ns
VIO = 1.8 V, VCC = 3 V
110
tAVQV
tACC
Address to Output Delay
(Note 2)
VIO = VCC = 3 V
Max
90
100 110
ns
VIO = 1.8 V, VCC = 3 V
110
tELQV
tCE
Chip Enable to Output Delay
(Note 3)
VIO = VCC = 3 V
Max
90
100 110
ns
VIO = 1.8 V, VCC = 3 V
110
tPACC Page Access Time
Max 25
25
25
30
ns
tGLQV
tOE Output Enable to Output Delay
Max 25
25
35
35
ns
tEHQZ
tDF Chip Enable to Output High Z (Note 1)
Max
20
ns
tGHQZ
tDF
Output Enable to Output High Z
(Note 1)
Max
20
ns
tAXQX
tOH
Output Hold Time From Addresses, CE#
or OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold
Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tCEH
Chip Enable Hold Time Read
Min
35
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn