전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71NS-J 데이터시트(PDF) 7 Page - SPANSION

부품명 S71NS-J
상세설명  Stacked Multi-Chip Product (MCP)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS-J 데이터시트(HTML) 7 Page - SPANSION

  S71NS-J Datasheet HTML 1Page - SPANSION S71NS-J Datasheet HTML 2Page - SPANSION S71NS-J Datasheet HTML 3Page - SPANSION S71NS-J Datasheet HTML 4Page - SPANSION S71NS-J Datasheet HTML 5Page - SPANSION S71NS-J Datasheet HTML 6Page - SPANSION S71NS-J Datasheet HTML 7Page - SPANSION S71NS-J Datasheet HTML 8Page - SPANSION S71NS-J Datasheet HTML 9Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
S71NS-J_00_03 October 10, 2006
S71NS-J
5
Data
Sheet
(Ad v anc e
I nf o r mation)
4.
Ordering Information
The order number (Valid Combination) is formed by the following:
S71NS
032
J
A0
BJ
W
RT
0
PACKING TYPE
0 = Tray
2 = 7-inch Tape and Reel
3 = 13-inch Tape and Reel
ADDITIONAL ORDERING OPTIONS
See Valid Combinations Table
TEMPERATURE RANGE
W = Wireless (–25
°C to +85°C)
For Industrial (–40
°C to +85°C), contact local sales office
PACKAGE TYPE
BJ = Very Thin Fine-Pitch BGA Lead (Pb)-Free LF35 Package
pSRAM DENSITY
A0 = 16 Megabit (1M x 16-Bit)
FLASH PROCESS TECHNOLOGY
J = 110 nm Floating Gate Technology
FLASH DENSITY
064 = 64 Megabit (4 M x 16-Bit)
032 = 32 Megabit (2M x 16-Bit)
DEVICE FAMILY
S71NS = Stacked Multi-Chip Product,
Simultaneous Read/Write, Burst Mode Flash Memory with Multiplexed I/O
1.8-Volt Operation, Top Boot Sectors, and pSRAM
Table 4.1 Valid Combinations
Base OPN
Density
Process
Technology
pSRAM
Density
Package Type
Temperature
Options
Packing Type
S71NS
032
J
80
BJ
W
RA
0, 2, 3
A0
RT


유사한 부품 번호 - S71NS-J

제조업체부품명데이터시트상세설명
logo
SPANSION
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
More results

유사한 설명 - S71NS-J

제조업체부품명데이터시트상세설명
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com