전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NE0BFWZZ 데이터시트(HTML) 36 Page - SPANSION

부품명 S71WS512NE0BFWZZ
상세내용  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
Download  142 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71WS512NE0BFWZZ 데이터시트(HTML) 36 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 142 page
 36 / 142 page
background image
36
S29WSxxxN MirrorBit™ Flash Family For Multi-chip Products (MCP) S71WS512NE0BFWZZ_00_ A1 June 28, 2004
Advan ce
In form ati o n
RESET# may be tied to the system reset circuitry. A system reset would thus also
reset the Flash memory, enabling the system to read the boot-up firmware from
the Flash memory.
If RESET# is asserted during a program or erase operation, the device requires
a time of tRP+tRP (during Embedded Algorithms) before the device is ready to
read data again. If RESET# is asserted when a program or erase operation is not
executing, the reset operation is completed within a time of tRP (not during Em-
bedded Algorithms). The system can read data tRH after RESET# returns to VIH.
Refer to the "Hardware Reset (RESET#)" section for RESET# parameters and to
Figure 20 for the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The outputs are
placed in the high impedance state.
SecSi™ (Secured Silicon) Sector Flash Memory Region
The SecSi (Secured Silicon) Sector feature provides an extra Flash memory re-
gion that enables permanent part identification through an Electronic Serial
Number (ESN). The SecSi Sector is 256 words in length. All reads outside of the
256 word address range will return non-valid data. The Factory Indicator Bit
(DQ7) is used to indicate whether or not the Factory SecSi Sector is locked when
shipped from the factory. The Customer Indicator Bit (DQ6) is used to indicate
whether or not the Customer SecSi Sector is locked when shipped from the fac-
tory. The Factory SecSi bits are permanently set at the factory and cannot be
changed, which prevents cloning of a factory locked part. This ensures the secu-
rity of the ESN and customer code once the product is shipped to the field.
The Factory portion of the SecSi Sector is locked when shipped and the Customer
SecSi Sector that is either locked or is lockable. The Factory SecSi Sector is al-
ways protected when shipped from the factory, and has the Factory Indicator Bit
(DQ7) permanently set to a “1”. The Customer SecSi Sector is typically shipped
unprotected, allowing customers to utilize that sector in any manner they choose.
The Customer Indicator Bit set to “0.” Once the Customer SecSi Sector area is
protected, the Customer Indicator Bit will be permanently set to “1.”
The system accesses the SecSi Sector through a command sequence (see the
"Enter SecSi™ Sector/Exit SecSi Sector Command Sequence" section). After the
system has written the Enter SecSi Sector command sequence, it may read the
SecSi Sector by using the addresses normally occupied by the memory array. This
mode of operation continues until the system issues the Exit SecSi Sector com-
mand sequence, or until power is removed from the device. While SecSi Sector
access is enabled, Memory Array read access, program operations, and erase op-
erations to all sectors other than SA0 are also available. On power-up, or
following a hardware reset, the device reverts to sending commands to the nor-
mal address space.
Factory Locked: Factor SecSi Sector Programmed and Protected
At the Factory
In a factory sector locked device, the Factory SecSi Sector is protected when the
device is shipped from the factory. The Factory SecSi Sector cannot be modified
in any way. The device is pre programmed with both a random number and a se-
cure ESN. The Factory SecSi Sector is located at addresses 000000h–00007Fh.
The device is available pre programmed with one of the following:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn