์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NE0BFWZZ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 94 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NE0BFWZZ
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
Download  142 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NE0BFWZZ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 94 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 142 page
 94 / 142 page
background image
94
128Mb pSRAM
S71WS512NE0BFWZZ_00_A1 June 28, 2004
Pr e l i m i n a r y
128Mb pSRAM
(8M word x 16 bit) Pseudo SRAM with Page & Burst
FEATURES
Fast Access Cycle Time
tCE =70ns max
8 words Page Read Access Capability
tPAA =20ns max
Burst Read/Write Access Capability
tAC =11ns max
Low Voltage Operating Condition
VDD =+2.6 to +3.1V
VDDQ =+1.65V to +1.95V
Wide Operating Temperature
TA =-30ยฐC to +85ยฐC
Byte Control by UB# and LB#
Low Power Consumption
IDDA1 =35mA max
IDDS1 =300 mA max
Various Power Down mode
Sleep, 16M-bit and 32M-bit Partial


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn