전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI210 데이터시트(PDF) 27 Page - SPANSION

부품명 S29CD032G0JQAI210
상세설명  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI210 데이터시트(HTML) 27 Page - SPANSION

Back Button S29CD032G0JQAI210 Datasheet HTML 23Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 24Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 25Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 26Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 27Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 28Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 29Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 30Page - SPANSION S29CD032G0JQAI210 Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
25
Pr el im i n a r y
An erase operation can erase one sector, multiple sectors, or the entire device. Table 23, Table 24,
Table 25, and Table 26 indicate the address space that each sector occupies. A sector address
consists of the address bits required to uniquely select a sector. See Command Definitions on
page 42 for details on erasing a sector or the entire chip, or suspending/resuming the erase
operation.
When in Synchronous read mode configuration, the device is able to perform both asynchronous
and synchronous write operations. CLK and ADV# address latch is supported in synchronous pro-
gramming mode. During a synchronous write operation, to write a command or command
sequence, (which includes programming data to the device and erasing sectors of memory), the
system must drive ADV# and CE# to VIL, and OE# to VIH when providing an address to the de-
vice, and drive WE# and CE# to VIL, and CE# to VIH, when writing commands or data.
Accelerated Program and Erase Operations
The device offers accelerated program/erase operations through the ACC pin. When the system
asserts VHH (12V) on the ACC pin, the device automatically enters the Unlock Bypass mode. The
system may then write the two-cycle Unlock Bypass program command sequence to do acceler-
ated programming. The device uses the higher voltage on the ACC pin to accelerate the operation.
A sector that is being protected with the WP# pin is protected during accelerated program or
Erase.
Note: The ACC pin must not be at VHH during any operation other than accelerated programming, or device damage can
result.
Autoselect Functions
If the system writes the autoselect command sequence, the device enters the autoselect mode.
The system can then read autoselect codes from the internal register (which is separate from the
memory array) on DQ7–DQ0. Standard read cycle timings apply in this mode. See Autoselect
Mode on page 26 and Autoselect Command on page 43 for more information.
Automatic Sleep Mode (ASM)
The automatic sleep mode minimizes Flash device energy consumption. While in asynchronous
mode, the device automatically enables this mode when addresses remain stable for tACC + 60
ns. The automatic sleep mode is independent of the CE#, WE# and OE# control signals. Standard
address access timings provide new data when addresses are changed. While in sleep mode, out-
put data is latched and always available to the system. While in synchronous mode, the device
automatically enables this mode when either the first active CLK level is greater than tACC or the
CLK runs slower than 5 MHz. Note that a new burst operation is required to provide new data.
ICC8 in DC Characteristics on page 64 represents the automatic sleep mode current specification.
Standby Mode
When the system is not responding or writing to the device, it can place the device in the standby
mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the
high impedance state, independent of the OE# input.
The device enters the CMOS standby mode when the CE# and RESET# inputs are both held at
Vcc ± 0.2 V. The device requires standard access time (tCE) for read access, before it is ready to
read data.
If the device is deselected during erasure or programming, the device draws active current until
the operation is completed.
ICC5 in DC Characteristics on page 64 represents the standby current specification.
Caution: entering the standby mode via the RESET# pin also resets the device to the read mode
and floats the data I/O pins. Furthermore, entering ICC7 during a program or erase operation


유사한 부품 번호 - S29CD032G0JQAI210

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI000 SPANSION-S29CD032G0JQAI000 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI002 SPANSION-S29CD032G0JQAI002 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI003 SPANSION-S29CD032G0JQAI003 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI010 SPANSION-S29CD032G0JQAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI012 SPANSION-S29CD032G0JQAI012 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

유사한 설명 - S29CD032G0JQAI210

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com