์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 31 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BAWE70
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 31 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 31 / 188 page
background image
September 15, 2005 S71WS-N_01_A4
S71WS-Nx0 Based MCPs
29
Advance
Information
Table 10.6 Address/Boundary Crossing Latency (S29WS256N @ 54MHz)
Table 10.7 Address/Boundary Crossing Latency (S29WS128N)
Figure 10.2 Synchronous Read
Word
Wait States
Cycle
0
5 ws
D0
D1
D2
D3
D4
D5
D6
D7
D8
1
5 ws
D1
D2
D3
1 ws
D4
D5
D6
D7
D8
2
5 ws
D2
D3
1 ws
1 ws
D4
D5
D6
D7
D8
3
5 ws
D3
1 ws
1 ws
1 ws
D4
D5
D6
D7
D8
Word
Wait States
Cycle
0
5, 6, 7 ws
D0
D1
D2
D3
1 ws
D4
D5
D6
D7
1
5, 6, 7 ws
D1
D2
D3
1 ws
1 ws
D4
D5
D6
D7
2
5, 6, 7 ws
D2
D3
1 ws
1 ws
1 ws
D4
D5
D6
D7
3
5, 6, 7 ws
D3
1 ws
1 ws
1 ws
1 ws
D4
D5
D6
D7
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Set Configuration Register
Command and Settings:
Address 555h, Data D0h
Address X00h, Data CR
Load Initial Address
Address = RA
Read Initial Data
RD = DQ[15:0]
Read Next Data
RD = DQ[15:0]
Wait X Clocks:
Additional Latency Due to Starting
Address, Clock Frequency, and
Boundary Crossing
End of Data?
Yes
Crossing
Boundary?
No
Yes
Completed
Delay X Clocks
Unlock Cycle 1
Unlock Cycle 2
RA = Read Address
RD = Read Data
Command Cycle
CR = Configuration Register Bits CR15-CR0
Note: Setup Configuration Register parameters
No
Refer to the Latency tables.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn