전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE70 데이터시트(HTML) 38 Page - SPANSION

부품명 S71WS512NC0BAWE70
상세내용  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71WS512NC0BAWE70 데이터시트(HTML) 38 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 38 / 188 page
background image
36
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
Note: Base = Base Address.
The following is a C source code example of using the single word program function. Refer to
the Spansion Low Level Driver User’s Guide (available on www.amd.com and
www.fujitsu.com) for general information on Spansion Flash memory software development
guidelines.
/* Example: Program Command
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll for program completion */
10.5.2
Write Buffer Programming
Write Buffer Programming allows the system to write a maximum of 32 words in one program-
ming operation. This results in a faster effective word programming time than the standard
“word” programming algorithms. The Write Buffer Programming command sequence is initiated
by first writing two unlock cycles. This is followed by a third write cycle containing the Write Buffer
Load command written at the Sector Address in which programming occurs. At this point, the sys-
tem writes the number of “word locations minus 1” that are loaded into the page buffer at the
Sector Address in which programming occurs. This tells the device how many write buffer ad-
dresses are loaded with data and therefore when to expect the “Program Buffer to Flash” confirm
command. The number of locations to program cannot exceed the size of the write buffer or the
operation aborts. (Number loaded = the number of locations to program minus 1. For example,
if the system programs 6 address locations, then 05h should be written to the device.)
The system then writes the starting address/data combination. This starting address is the first
address/data pair to be programmed, and selects the “write-buffer-page” address. All subsequent
address/data pairs must fall within the elected-write-buffer-page.
The “write-buffer-page” is selected by using the addresses AMAX - A5.
The “write-buffer-page” addresses must be the same for all address/data pairs loaded into the
write buffer. (This means Write Buffer Programming cannot be performed across multiple “write-
buffer-pages.” This also means that Write Buffer Programming cannot be performed across mul-
tiple sectors. If the system attempts to load programming data outside of the selected “write-
buffer-page”, the operation ABORTs.)
After writing the Starting Address/Data pair, the system then writes the remaining address/data
pairs into the write buffer.
Note that if a Write Buffer address location is loaded multiple times, the “address/data pair”
counter is decremented for every data load operation. Also, the last data loaded at a location be-
fore the “Program Buffer to Flash” confirm command is programmed into the device. It is the
software's responsibility to comprehend ramifications of loading a write-buffer location more than
once. The counter decrements for each data load operation, NOT for each unique write-buffer-
address location. Once the specified number of write buffer locations have been loaded, the sys-
tem must then write the “Program Buffer to Flash” command at the Sector Address. Any other
Table 10.13 Software Functions and Sample Code
Cycle
Operation
Byte Address
Word Address
Data
Unlock Cycle 1
Write
Base + AAAh
Base + 555h
00AAh
Unlock Cycle 2
Write
Base + 554h
Base + 2AAh
0055h
Program Setup
Write
Base + AAAh
Base + 555h
00A0h
Program
Write
Word Address
Word Address
Data Word


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn