์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 52 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BAWE70
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 52 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 52 / 188 page
background image
50
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
may choose to perform other system tasks. In this case, the system must start at the beginning
of the algorithm when it returns to determine the status of the operation. Refer to Figure 10.6 for
more details.
Note:
When verifying the status of a write operation (embedded program/erase) of a memory bank,
DQ6 and DQ2 toggle between high and low states in a series of consecutive and con-tiguous
status read cycles. In order for this toggling behavior to be properly observed, the consecu-
tive status bit reads must not be interleaved with read accesses to other memory banks. If it
is not possible to temporarily prevent reads to other memory banks, then it is recommended
to use the DQ7 status bit as the alternative method of determining the active or inactive sta-
tus of the write operation.
DQ5: Exceeded Timing Limits.
DQ5 indicates whether the program or erase time has exceeded
a specified internal pulse count limit. Under these conditions DQ5 produces a โ€œ1,โ€ indicating that
the program or erase cycle was not successfully completed. The device may output a โ€œ1โ€ on DQ5
if the system tries to program a โ€œ1โ€ to a location that was previously programmed to โ€œ0.โ€ Only an
erase operation can change a โ€œ0โ€ back to a โ€œ1.โ€ Under this condition, the device halts the opera-
tion, and when the timing limit has been exceeded, DQ5 produces a โ€œ1.โ€Under both these
conditions, the system must write the reset command to return to the read mode (or to the erase-
suspend-read mode if a bank was previously in the erase-suspend-program mode).
DQ3: Sector Erase Timeout State Indicator.
After writing a sector erase command sequence,
the system may read DQ3 to determine whether or not erasure has begun. (The sector erase
timer does not apply to the chip erase command.) If additional sectors are selected for erasure,
the entire time-out also applies after each additional sector erase command. When the time-out
period is complete, DQ3 switches from a โ€œ0โ€ to a โ€œ1.โ€ If the time between additional sector erase
commands from the system can be assumed to be less than tSEA, the system need not monitor
DQ3. See Sector Erase Command Sequence for more details.
After the sector erase command is written, the system should read the status of DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure that the device has accepted the command sequence, and
then read DQ3. If DQ3 is โ€œ1,โ€ the Embedded Erase algorithm has begun; all further commands
(except Erase Suspend) are ignored until the erase operation is complete. If DQ3 is โ€œ0,โ€ the device
accepts additional sector erase commands. To ensure the command has been accepted, the sys-
tem software should check the status of DQ3 prior to and following each sub-sequent sector erase
command. If DQ3 is high on the second status check, the last command might not have been
accepted. Table 10.20 shows the status of DQ3 relative to the other status bits.
DQ1: Write to Buffer Abort.
DQ1 indicates whether a Write to Buffer operation was aborted.
Under these conditions DQ1 produces a โ€œ1โ€. The system must issue the Write to Buffer Abort
Reset command sequence to return the device to reading array data. See Write Buffer Program-
ming Operation for more details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn