์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 66 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BAWE70
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 66 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 66 / 188 page
background image
64
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
12 Power Conservation Modes
12.1
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby
mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the
high impedance state, independent of the OE# input. The device enters the CMOS standby mode
when the CE# and RESET# inputs are both held at VCC ยฑ 0.2 V. The device requires standard
access time (tCE) for read access, before it is ready to read data. If the device is deselected during
erasure or programming, the device draws active current until the operation is completed. ICC3 in
โ€œDC Characteristicsโ€ represents the standby current specification
12.2 Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption while in asynchronous
mode. the device automatically enables this mode when addresses remain stable for tACC + 20
ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals. Stan-
dard address access timings provide new data when addresses are changed. While in sleep mode,
output data is latched and always available to the system. While in synchronous mode, the auto-
matic sleep mode is disabled. Note that a new burst operation is required to provide new data.
ICC6 in DC Characteristics (CMOS Compatible) represents the automatic sleep mode current
specification.
12.3
Hardware RESET# Input Operation
The RESET# input provides a hardware method of resetting the device to reading array data.
When RESET# is driven low for at least a period of tRP, the device immediately terminates any
operation in progress, tristates all outputs, resets the configuration register, and ignores all read/
write commands for the duration of the RESET# pulse. The device also resets the internal state
machine to reading array data. The operation that was interrupted should be reinitiated once the
device is ready to accept another command sequence to ensure data integrity.
When RESET# is held at VSS ยฑ 0.2 V, the device draws CMOS standby current (ICC4). If RESET#
is held at VIL but not within VSS ยฑ 0.2 V, the standby current is greater.
RESET# may be tied to the system reset circuitry and thus, a system reset would also reset the
Flash memory, enabling the system to read the boot-up firmware from the Flash memory.
12.4 Output Disable (OE#)
When the OE# input is at VIH, output from the device is disabled. The outputs are placed in the
high impedance state.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn