์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 68 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BAWE70
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BAWE70 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 68 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 68 / 188 page
background image
66
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
13.2
Customer Secured Silicon Sector
The Customer Secured Silicon Sector is typically shipped unprotected (DQ6 set to โ€œ0โ€), allowing
customers to utilize that sector in any manner they choose. If the security feature is not required,
the Customer Secured Silicon Sector can be treated as an additional Flash memory space.
Please note the following:
Once the Customer Secured Silicon Sector area is protected, the Customer Indicator Bit is
permanently set to โ€œ1.โ€
The Customer Secured Silicon Sector can be read any number of times, but can be pro-
grammed and locked only once. The Customer Secured Silicon Sector lock must be used with
caution as once locked, there is no procedure available for unlocking the Customer Secured
Silicon Sector area and none of the bits in the Customer Secured Silicon Sector memory space
can be modified in any way.
The accelerated programming (ACC) and unlock bypass functions are not available when pro-
gramming the Customer Secured Silicon Sector, but reading in Banks 1 through 15 is avail-
able.
Once the Customer Secured Silicon Sector is locked and verified, the system must write the
Exit Secured Silicon Sector Region command sequence which return the device to the mem-
ory array at sector 0.
13.3
Secured Silicon Sector Entry/Exit Command Sequences
The system can access the Secured Silicon Sector region by issuing the three-cycle Enter Secured
Silicon Sector command sequence. The device continues to access the Secured Silicon Sector re-
gion until the system issues the four-cycle Exit Secured Silicon Sector command sequence.
See Command Definition Table [Secured Silicon Sector Command Table, Appendix
Table 15.1 for address and data requirements for both command sequences.
The Secured Silicon Sector Entry Command allows the following commands to be executed
Read customer and factory Secured Silicon areas
Program the customer Secured Silicon Sector
After the system has written the Enter Secured Silicon Sector command sequence, it may read
the Secured Silicon Sector by using the addresses normally occupied by sector SA0 within the
memory array. This mode of operation continues until the system issues the Exit Secured Silicon
Sector command sequence, or until power is removed from the device.
The following are C functions and source code examples of using the Secured Silicon Sector
Entry, Program, and exit commands. Refer to the Spansion Low Level Driver Userโ€™s Guide
(available soon on www.amd.com and www.fujitsu.com) for general information on Spansion
Flash memory software development guidelines.
Software Functions and Sample Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn