전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS512NC0BAWE32 데이터시트(PDF) 40 Page - SPANSION

부품명 S71WS512NC0BAWE32
상세설명  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512NC0BAWE32 데이터시트(HTML) 40 Page - SPANSION

Back Button S71WS512NC0BAWE32 Datasheet HTML 36Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 37Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 38Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 39Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 40Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 41Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 42Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 43Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 188 page
background image
38
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
Notes:
1. Base = Base Address.
2. Last = Last cycle of write buffer program operation; depending on number of words written, the total
number of cycles may be from 6 to 37.
3. For maximum efficiency, it is recommended that the write buffer be loaded with
the highest number of words (N words) possible.
The following is a C source code example of using the write buffer program function. Refer to
the Spansion Low Level Driver User’s Guide (available on www.amd.com and
www.fujitsu.com) for general information on Spansion Flash memory software development
guidelines.
/* Example: Write Buffer Programming Command
*/
/* NOTES: Write buffer programming limited to 16 words. */
/*
All addresses to be written to the flash in
*/
/*
one operation must be within the same flash
*/
/*
page. A flash page begins at addresses
*/
/*
evenly divisible by 0x20.
*/
UINT16 *src = source_of_data;
/* address of source data
*/
UINT16 *dst = destination_of_data;
/* flash destination address
*/
UINT16 wc
= words_to_program -1;
/* word count (minus 1)
*/
*( (UINT16 *)base_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)base_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)sector_address )
= 0x0025;
/* write write buffer load command */
*( (UINT16 *)sector_address )
= wc;
/* write word count (minus 1)
*/
loop:
*dst = *src; /* ALL dst MUST BE SAME PAGE */ /* write source data to destination */
dst++;
/* increment destination pointer
*/
src++;
/* increment source pointer
*/
if (wc == 0) goto confirm
/* done when word count equals zero */
wc--;
/* decrement word count
*/
goto loop;
/* do it again
*/
confirm:
*( (UINT16 *)sector_address )
= 0x0029;
/* write confirm command
*/
/* poll for completion */
/* Example: Write Buffer Abort Reset */
*( (UINT16 *)addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)addr + 0x555 ) = 0x00F0;
/* write buffer abort reset
*/
Table 10.14 Software Functions and Sample Code
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Unlock
Write
Base + AAAh
Base + 555h
00AAh
2
Unlock
Write
Base + 554h
Base + 2AAh
0055h
3
Write Buffer Load Command
Write
Program Address
0025h
4
Write Word Count
Write
Program Address
Word Count (N–1)h
Number of words (N) loaded into the write buffer can be from 1 to 32 words.
5 to 36
Load Buffer Word N
Write
Program Address, Word N
Word N
Last
Write Buffer to Flash
Write
Sector Address
0029h


유사한 부품 번호 - S71WS512NC0BAWE32

제조업체부품명데이터시트상세설명
logo
SPANSION
S71WS512NC0BAWEJ0 SPANSION-S71WS512NC0BAWEJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEJ2 SPANSION-S71WS512NC0BAWEJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEJ3 SPANSION-S71WS512NC0BAWEJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEK0 SPANSION-S71WS512NC0BAWEK0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEK2 SPANSION-S71WS512NC0BAWEK2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

유사한 설명 - S71WS512NC0BAWE32

제조업체부품명데이터시트상세설명
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com