전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS512NC0BAWE32 데이터시트(PDF) 88 Page - SPANSION

부품명 S71WS512NC0BAWE32
상세설명  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512NC0BAWE32 데이터시트(HTML) 88 Page - SPANSION

Back Button S71WS512NC0BAWE32 Datasheet HTML 84Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 85Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 86Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 87Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 88Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 89Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 90Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 91Page - SPANSION S71WS512NC0BAWE32 Datasheet HTML 92Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 188 page
background image
86
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
Notes:
1. RDY(1) active with data (D8 = 1 in the Configuration Register).
2. RDY(2) active one clock cycle before data (D8 = 0 in the Configuration Register).
3. Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60.
4. Figure shows the device crossing a bank in the process of performing an erase or program.
5. RDY does not go low and no additional wait states are required for WS ≤ 5.
Figure 14.22 Latency with Boundary Crossing into Program/Erase Bank
CLK
Address (hex)
C124
C125
C126
C127
C127
D124
D125
D126
D127
Read Status
(stays high)
AVD#
RDY(1)
Data
OE#,
CE#
(stays low)
Address boundary occurs every 128 words, beginning at address
00007Fh: (0000FFh, 00017Fh, etc.) Address 000000h is also a boundary crossing.
7C
7D
7E
7F
7F
latency
RDY(2)
latency
tRACC
tRACC
tRACC
tRACC


유사한 부품 번호 - S71WS512NC0BAWE32

제조업체부품명데이터시트상세설명
logo
SPANSION
S71WS512NC0BAWEJ0 SPANSION-S71WS512NC0BAWEJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEJ2 SPANSION-S71WS512NC0BAWEJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEJ3 SPANSION-S71WS512NC0BAWEJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEK0 SPANSION-S71WS512NC0BAWEK0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEK2 SPANSION-S71WS512NC0BAWEK2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

유사한 설명 - S71WS512NC0BAWE32

제조업체부품명데이터시트상세설명
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com