전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71PL254J40BAWTZ0 데이터시트(PDF) 15 Page - SPANSION

부품명 S71PL254J40BAWTZ0
상세설명  Based MCPs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254J40BAWTZ0 데이터시트(HTML) 15 Page - SPANSION

Back Button S71PL254J40BAWTZ0 Datasheet HTML 11Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 12Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 13Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 14Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 15Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 16Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 17Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 18Page - SPANSION S71PL254J40BAWTZ0 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
March 17, 2006 S71PL-J_00_B3
S71PL-J Based MCPs
13
Advance
Information
S71PL127J Valid Combinations
Speed Options
(ns)
(p)SRAM Type/
Access Time
(ns)
Package Marking
Base Ordering
Part Number
Package &
Temperature
Package
Modifier/Model
Number
Packing Type
S71PL127JB0
BAW
9Z
0, 2, 3 (Note 1)
65
pSRAM7 / 70
(Note 2)
S71PL127JB0
9U
pSRAM6 /70
S71PL127JC0
9B
pSRAM2 /70
S71PL127JC0
9Z
pSRAM7 / 70
S71PL127JC0
9U
pSRAM6 / 70
S71PL127JB0
9B
pSRAM2 / 70
S71PL127JB0
BFW
9Z
0, 2, 3 (Note 1)
65
pSRAM7 / 70
(Note 2)
S71PL127JB0
9U
pSRAM6 / 70
S71PL127JC0
9B
pSRAM2 /70
S71PL127JC0
9Z
pSRAM7 / 70
S71PL127JC0
9U
pSRAM6 / 70
S71PL127JB0
9B
pSRAM2 / 70
S71PL254J Valid Combinations
Speed Options
(ns)
(p)SRAM
Type/Access
Time (ns)
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Model Number
Packing Type
S71PL254JC0
BAW
TB
0, 2, 3 (Note1)
65
pSRAM2 / 70
(Note 2)
S71PL254JC0
TZ
pSRAM7 / 70
S71PL254JC0
BFW
TB
0, 2, 3 (Note1)
65
pSRAM2 / 70
(Note 2)
S71PL254JC0
TZ
pSRAM7 / 70
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.


유사한 부품 번호 - S71PL254J40BAWTZ0

제조업체부품명데이터시트상세설명
logo
SPANSION
S71PL254J SPANSION-S71PL254J Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL254JB0 SPANSION-S71PL254JB0 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL254JB0-T7 SPANSION-S71PL254JB0-T7 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL254JB0-TB SPANSION-S71PL254JB0-TB Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL254JB0-TU SPANSION-S71PL254JB0-TU Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
More results

유사한 설명 - S71PL254J40BAWTZ0

제조업체부품명데이터시트상세설명
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com