전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS512NC0BAWE22 데이터시트(PDF) 48 Page - SPANSION

부품명 S71WS512NC0BAWE22
상세설명  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512NC0BAWE22 데이터시트(HTML) 48 Page - SPANSION

Back Button S71WS512NC0BAWE22 Datasheet HTML 44Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 45Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 46Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 47Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 48Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 49Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 50Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 51Page - SPANSION S71WS512NC0BAWE22 Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 188 page
background image
46
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
/* Example: Unlock Bypass Entry Command
*/
*( (UINT16 *)bank_addr + 0x555 ) = 0x00AA;
/* write unlock cycle 1
*/
*( (UINT16 *)bank_addr + 0x2AA ) = 0x0055;
/* write unlock cycle 2
*/
*( (UINT16 *)bank_addr + 0x555 ) = 0x0020;
/* write unlock bypass command
*/
/* At this point, programming only takes two write cycles.
*/
/* Once you enter Unlock Bypass Mode, do a series of like
*/
/* operations (programming or sector erase) and then exit
*/
/* Unlock Bypass Mode before beginning a different type of
*/
/* operations.
*/
/* Example: Unlock Bypass Program Command
*/
/* Do while in Unlock Bypass Entry Mode!
*/
*( (UINT16 *)bank_addr + 0x555 ) = 0x00A0;
/* write program setup command
*/
*( (UINT16 *)pa )
= data;
/* write data to be programmed
*/
/* Poll until done or error.
*/
/* If done and more to program, */
/* do above two cycles again.
*/
/* Example: Unlock Bypass Exit Command */
*( (UINT16 *)base_addr + 0x000 ) = 0x0090;
*( (UINT16 *)base_addr + 0x000 ) = 0x0000;
10.5.9
Write Operation Status
The device provides several bits to determine the status of a program or erase operation. The
following subsections describe the function of DQ1, DQ2, DQ3, DQ5, DQ6, and DQ7.
DQ7: Data# Polling.
The Data# Polling bit, DQ7, indicates to the host system whether an Em-
bedded Program or Erase algorithm is in progress or completed, or whether a bank is in Erase
Suspend. Data# Polling is valid after the rising edge of the final WE# pulse in the command se-
quence. Note that the Data# Polling is valid only for the last word being programmed in the write-
buffer-page during Write Buffer Programming. Reading Data# Polling status on any word other
than the last word to be programmed in the write-buffer-page returns false status information.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the
datum programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend.
When the Embedded Program algorithm is complete, the device outputs the datum programmed
to DQ7. The system must provide the program address to read valid status information on DQ7.
If a program address falls within a protected sector, Data# polling on DQ7 is active for approxi-
mately tPSP, then that bank returns to the read mode.
During the Embedded Erase Algorithm, Data# polling produces a “0” on DQ7. When the Embed-
ded Erase algorithm is complete, or if the bank enters the Erase Suspend mode, Data# Polling
produces a “1” on DQ7. The system must provide an address within any of the sectors selected
for erasure to read valid status information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected,
Data# Polling on DQ7 is active for approximately tASP, then the bank returns to the read mode.
If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected
sectors, and ignores the selected sectors that are protected. However, if the system reads DQ7
at an address within a protected sector, the status may not be valid.
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Program Setup Command
Write
Base + xxxh
Base +xxxh
00A0h
2
Program Command
Write
Program Address
Program Address
Program Data
Cycle
Description
Operation
Byte Address
Word Address
Data
1
Reset Cycle 1
Write
Base + xxxh
Base +xxxh
0090h
2
Reset Cycle 2
Write
Base + xxxh
Base +xxxh
0000h


유사한 부품 번호 - S71WS512NC0BAWE22

제조업체부품명데이터시트상세설명
logo
SPANSION
S71WS512NC0BAWEJ0 SPANSION-S71WS512NC0BAWEJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEJ2 SPANSION-S71WS512NC0BAWEJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEJ3 SPANSION-S71WS512NC0BAWEJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEK0 SPANSION-S71WS512NC0BAWEK0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BAWEK2 SPANSION-S71WS512NC0BAWEK2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

유사한 설명 - S71WS512NC0BAWE22

제조업체부품명데이터시트상세설명
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com