전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLCC16A06KG 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SLCC16A06KG
상세설명  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SLCC16A06KG 데이터시트(HTML) 1 Page - Vishay Siliconix

  SLCC16A06KG Datasheet HTML 1Page - Vishay Siliconix SLCC16A06KG Datasheet HTML 2Page - Vishay Siliconix SLCC16A06KG Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
SLCC
Vishay Sfernice
www.vishay.com
For technical questions contact sfer@vishay.com
Document Number: 60014
34
Revision: 06-Jul-06
Capable of meeting the characteristics of MIL-PRF-83401
these networks are available in a wide range of resistance
values: several standard configurations are presented with
the SLCC series.
FEATURES
• High stability Ultrafilm (0.05 % at 1000 h at 70 °C
under Pn)
• Low noise < 35 dB
• Hermetic package
TYPICAL PERFORMANCE
Resistance Range: Noted on schematics
SCHEMATIC
Actual Size
ABS
TRACKING
TCR
25 ppm/°C
2 ppm/°C
ABS
RATIO
TOL
0.1 %
0.1 %
SLCC 20A
(10 Isolated Resistors)
10 — 100 K ohms
SLCC 20B
(19 Resistors + 1 Common Point)
10 — 100 K ohms
SLCC 16 A01
SLCC 16 A03
SLCC 16 A06
1 K — 100 K ohms
1 K — 100 K ohms
1 K — 100 K ohms
SLCC 20 A01
SLCC 20 A03
SLCC 20 A06
1 K — 100 K ohms
1 K — 100 K ohms
1 K — 100 K ohms
SLCC 24 A01
SLCC 24 A03
SLCC 24 A06
1 K — 100 K ohms
1 K — 100 K ohms
1 K — 100 K ohms
10 9 8 7
15 16 1 2
14
11
12
13
3
6
5
4
10
9
8
7
15
1
2
11
12
13
14
6
3
5
4
16
10 9
8
7
15
1
2
16
11
12
13
14
3
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1
2 3
14
15
16
17
18
8
7
6
5
4
21
1312 1110
9
22 23
1 2 3
14
15
16
17
18
8
7
6
5
4
24
19
20
13 12 11 10
9
22
24 1 2 3
19
20
16
17
18
8
7
6
5
4
23
14
15
21
13 12 11 10
9
22
24 1 2 3
19
20
17
18
8
7
6
5
4
23
14
15
21
16
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
RoHS
COMPLIANT


유사한 부품 번호 - SLCC16A06KG

제조업체부품명데이터시트상세설명
logo
Rosenberger Hochfrequen...
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
   Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
   Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
   Cable Clamp
SLCC112-C03 ROSENBERGER-SLCC112-C03 Datasheet
74Kb / 2P
   Cable Clamp
SLCC112-C05 ROSENBERGER-SLCC112-C05 Datasheet
74Kb / 2P
   Cable Clamp
More results

유사한 설명 - SLCC16A06KG

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com