์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE33 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 30 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BAWE33
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BAWE33 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 30 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 30 / 188 page
background image
28
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
starting address: whether the address is divisible by four (where A[1:0] is 00). A divisible-
by-four address incurs the least number of additional wait states that occur after the initial
word. The number of additional wait states required increases for burst operations in which
the starting address is one, two, or three locations above the divisible-by-four address (i.e.,
where A[1:0] is 01, 10, or 11).
boundary crossing: There is a boundary at every 128 words due to the internal architecture
of the device. One additional wait state must be inserted when crossing this boundary if the
memory bus is operating at a high clock frequency. Please refer to the tables below.
clock frequency: the speed at which the device is expected to burst data. Higher speeds
require additional wait states after the initial word for proper operation.
In all cases, with or without latency, the RDY output indicates when the next data is available to
be read.
Tables 10.2-10.7 reflect wait states required for S29WS256/128N devices. Refer to the โ€œConfig-
uration Registerโ€ table (CR11 - CR14) and timing diagrams for more details.
Table 10.2 Address Latency (S29WS256N)
Table 10.3 Address Latency (S29WS128N)
Table 10.4 Address/Boundary Crossing Latency (S29WS256N @ 80MHz)
Table 10.5 Address/Boundary Crossing Latency (S29WS256N @ 66 MHz)
Word
Wait States
Cycle
0
x ws
D0
D1
D2
D3
D4
D5
D6
D7
D8
1
x ws
D1
D2
D3
1 ws
D4
D5
D6
D7
D8
2
x ws
D2
D3
1 ws
1 ws
D4
D5
D6
D7
D8
3
x ws
D3
1 ws
1 ws
1 ws
D4
D5
D6
D7
D8
Word
Wait States
Cycle
0
5, 6, 7 ws
D0
D1
D2
D3
D4
D5
D6
D7
D8
1
5, 6, 7 ws
D1
D2
D3
1 ws
D4
D5
D6
D7
D8
2
5, 6, 7 ws
D2
D3
1 ws
1 ws
D4
D5
D6
D7
D8
3
5, 6, 7 ws
D3
1 ws
1 ws
1 ws
D4
D5
D6
D7
D8
Word
Wait States
Cycle
0
7 ws
D0
D1
D2
D3
1 ws
1 ws
D4
D5
D6
1
7 ws
D1
D2
D3
1 ws
1 ws
1 ws
D4
D5
D6
2
7 ws
D2
D3
1 ws
1 ws
1 ws
1 ws
D4
D5
D6
3
7 ws
D3
1 ws
1 ws
1 ws
1 ws
1 ws
D4
D5
D6
Word
Wait States
Cycle
0
6 ws
D0
D1
D2
D3
1 ws
D4
D5
D6
D7
1
6 ws
D1
D2
D3
1 ws
1 ws
D4
D5
D6
D7
2
6 ws
D2
D3
1 ws
1 ws
1 ws
D4
D5
D6
D7
3
6 ws
D3
1 ws
1 ws
1 ws
1 ws
D4
D5
D6
D7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn