전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BAWE33 데이터시트(HTML) 78 Page - SPANSION

부품명 S71WS512NC0BAWE33
상세내용  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71WS512NC0BAWE33 데이터시트(HTML) 78 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 78 / 188 page
background image
76
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
Notes:
1. Figure assumes 6 wait states for initial access and synchronous read.
2. The Set Configuration Register command sequence has been written with CR8=0; device outputs RDY one cycle before valid data.
Figure 14.10 Linear Burst with RDY Set One Cycle Before Data
14.8.4
AC Characteristics—Asynchronous Read
Notes:
1. Not 100% tested.
2. The content in this document is Advance information for the S29WS128N.
Parameter
Description
54 MHz
66 MHz
80
MHz
Unit
JEDEC
Standard
tCE
Access Time from CE# Low
Max
80
ns
tACC
Asynchronous Access Time
Max
80
ns
tAVDP
AVD# Low Time
Min
8
ns
tAAVDS
Address Setup Time to Rising Edge of AVD#
Min
4
ns
tAAVDH
Address Hold Time from Rising Edge of AVD#
Min
7
6
ns
tOE
Output Enable to Output Valid
Max
13.5
ns
tOEH
Output Enable Hold Time
Read
Min
0
ns
Data# Polling
Min
10
ns
tOEZ
Output Enable to High Z (see Note)
Max
10
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
Da+1
Da
Da+2
Da+3
Da + n
OE#
Data
Addresses
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
6 wait cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
15
6
7
tRDYS
tBACC
tCR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn