์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BFWE73 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 32 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BFWE73
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BFWE73 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 32 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 32 / 188 page
background image
30
S71WS-Nx0 Based MCPs
S71WS-N_01_A4 September 15, 2005
Ad van c e
Inf o rmation
10.3.4
Continuous Burst Read Mode
In the continuous burst read mode, the device outputs sequential burst data from the starting
address given and then wrap around to address 000000h when it reaches the highest addressable
memory location. The burst read mode continues until the system drives CE# high, or RESET=
VIL. Continuous burst mode can also be aborted by asserting AVD# low and providing a new ad-
dress to the device.
If the address being read crosses a 128-word line boundary (as mentioned above) and the sub-
sequent word line is not being programmed or erased, additional latency cycles are required as
reflected by the configuration register table (Table 10.9).
If the address crosses a bank boundary while the subsequent bank is programming or erasing,
the device provides read status information and the clock is ignored. Upon completion of status
read or program or erase operation, the host can restart a burst read operation using a new ad-
dress and AVD# pulse.
10.3.5
8-, 16-, 32-Word Linear Burst Read with Wrap Around
In a linear burst read operation, a fixed number of words (8, 16, or 32 words) are read from con-
secutive addresses that are determined by the group within which the starting address falls. The
groups are sized according to the number of words read in a single burst sequence for a given
mode (see Table 10.8).
For example, if the starting address in the 8-word mode is 3Ch, the address range to be read
would be 38-3Fh, and the burst sequence would be 3C-3D-3E-3F-38-39-3A-3Bh. Thus, the device
outputs all words in that burst address group until all word are read, regardless of where the start-
ing address occurs in the address group, and then terminates the burst read.
In a similar fashion, the 16-word and 32-word Linear Wrap modes begin their burst sequence on
the starting address provided to the device, then wrap back to the first address in the selected
address group.
Note that in this mode the address pointer does not cross the boundary that occurs every 128
words; thus, no additional wait states are inserted due to boundary crossing.
Table 10.8 Burst Address Groups
10.3.6
8-, 16-, 32-Word Linear Burst without Wrap Around
If wrap around is not enabled for linear burst read operations, the 8-word, 16-word, or 32-word
burst executes up to the maximum memory address of the selected number of words. The burst
stops after 8, 16, or 32 addresses and does not wrap around to the first address of the selected
group.
For example, if the starting address in the 8- word mode is 3Ch, the address range to be read
would be 39-40h, and the burst sequence would be 3C-3D-3E-3F-40-41-42-43h if wrap around
is not enabled. The next address to be read requires a new address and AVD# pulse. Note that
in this burst read mode, the address pointer may cross the boundary that occurs every 128 words,
which will incur the additional boundary crossing wait state.
Mode
Group Size
Group Address Ranges
8-word
8 words
0-7h, 8-Fh, 10-17h,...
16-word
16 words
0-Fh, 10-1Fh, 20-2Fh,...
32-word
32 words
00-1Fh, 20-3Fh, 40-5Fh,...


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn