์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BFWE73 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 51 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BFWE73
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BFWE73 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 51 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 51 / 188 page
background image
September 15, 2005 S71WS-N_01_A4
S71WS-Nx0 Based MCPs
49
Advance
Information
DQ6: Toggle Bit I .
Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algo-
rithm is in progress or complete, or whether the device has entered the Erase Suspend mode.
Toggle Bit I may be read at any address in the same bank, and is valid after the rising edge of
the final WE# pulse in the command sequence (prior to the program or erase operation), and dur-
ing the sector erase time-out.
During an Embedded Program or Erase algorithm operation, successive read cycles to any ad-
dress cause DQ6 to toggle. When the operation is complete, DQ6 stops toggling.
After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6
toggles for approximately tASP [all sectors protected toggle time], then returns to reading array
data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unpro-
tected sectors, and ignores the selected sectors that are protected.
The system can use DQ6 and DQ2 together to determine whether a sector is actively erasing or
is erase-suspended. When the device is actively erasing (that is, the Embedded Erase algorithm
is in progress), DQ6 toggles. When the device enters the Erase Suspend mode, DQ6 stops tog-
gling. However, the system must also use DQ2 to determine which sectors are erasing or erase-
suspended. Alternatively, the system can use DQ7 (see the subsection on DQ7: Data# Polling).
If a program address falls within a protected sector, DQ6 toggles for approximately tPAP after the
program command sequence is written, then returns to reading array data.
DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embed-
ded Program Algorithm is complete.
See the following for additional information: Figure 10.6, Write Operation Status Flowchart;
Figure 14.18, Toggle Bit Timings (During Embedded Algorithm), and Table 10.20.
Toggle Bit I on DQ6 requires either OE# or CE# to be de-asserted and reasserted to show the
change in state.
DQ2: Toggle Bit II.
The โ€œToggle Bit IIโ€ on DQ2, when used with DQ6, indicates whether a par-
ticular sector is actively erasing (that is, the Embedded Erase algorithm is in progress), or whether
that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE# pulse
in the command sequence. DQ2 toggles when the system reads at addresses within those sectors
that have been selected for erasure. But DQ2 cannot distinguish whether the sector is actively
erasing or is erase-suspended. DQ6, by comparison, indicates whether the device is actively eras-
ing, or is in Erase Suspend, but cannot distinguish which sectors are selected for erasure. Thus,
both status bits are required for sector and mode information. Refer to Table 14.10 to compare
outputs for DQ2 and DQ6. See the following for additional information: Figure 10.6, the โ€œDQ6:
Toggle Bit Iโ€ section, and Figures 14.17โ€“14.20.
Reading Toggle Bits DQ6/DQ2.
Whenever the system initially begins reading toggle bit status,
it must read DQ7โ€“DQ0 at least twice in a row to determine whether a toggle bit is toggling. Typ-
ically, the system would note and store the value of the toggle bit after the first read. After the
second read, the system would compare the new value of the toggle bit with the first. If the toggle
bit is not toggling, the device has completed the program or erases operation. The system can
read array data on DQ7โ€“DQ0 on the following read cycle. However, if after the initial two read
cycles, the system determines that the toggle bit is still toggling, the system also should note
whether the value of DQ5 is high (see the section on DQ5). If it is, the system should then deter-
mine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just
as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully completed
the program or erases operation. If it is still toggling, the device did not complete the operation
successfully, and the system must write the reset command to return to reading array data. The
remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5
has not gone high. The system may continue to monitor the toggle bit and DQ5 through succes-
sive read cycles, determining the status as described in the previous paragraph. Alternatively, it


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn