전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S71WS512NC0BFWE73 데이터시트(PDF) 73 Page - SPANSION

부품명 S71WS512NC0BFWE73
상세설명  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512NC0BFWE73 데이터시트(HTML) 73 Page - SPANSION

Back Button S71WS512NC0BFWE73 Datasheet HTML 69Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 70Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 71Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 72Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 73Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 74Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 75Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 76Page - SPANSION S71WS512NC0BFWE73 Datasheet HTML 77Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 188 page
background image
September 15, 2005 S71WS-N_01_A4
S71WS-Nx0 Based MCPs
71
Advance
Information
14.7 DC Characteristics (CMOS Compatible)
Notes:
1. Maximum ICC specifications are tested with VCC = VCCmax.
2. CE# must be set high when measuring the RDY pin.
3. The ICC current listed is typically less than 3.5 mA/MHz, with OE# at VIH.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Device enters automatic sleep mode when addresses are stable for tACC + 20 ns. Typical sleep mode
current is equal to ICC3.
6. VIH = VCC ± 0.2 V and VIL > –0.1 V.
7. Total current during accelerated programming is the sum of VACC and VCC currents.
8. VACC = VHH on ACC input.
9. The content in this document is Advance information for the S29WS128N. Content in this document is
Preliminary for the S29W256N.
Parameter
Description (Notes)
Test Conditions (Notes 1, 8)
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCCmax
±1
µA
ILO
Output Leakage Current (2)
VOUT = VSS to VCC, VCC = VCCmax
±1
µA
ICCB
VCC Active burst Read Current
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= 8
54 MHz
27
54
mA
66 MHz
28
60
mA
80 MHz
30
66
mA
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= 16
54 MHz
28
48
mA
66 MHz
30
54
mA
80 MHz
32
60
mA
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= 32
54 MHz
29
42
mA
66 MHz
32
48
mA
80 MHz
34
54
mA
CE# = VIL, OE# = VIH,
WE# = VIH, burst length
= Continuous
54 MHz
32
36
mA
66 MHz
35
42
mA
80 MHz
38
48
mA
ICC1
VCC Active Asynchronous
Read Current (3)
CE# = VIL, OE# = VIH,
WE# = VIH
10 MHz
34
45
mA
5 MHz
17
26
mA
1 MHz
4
7
mA
ICC2
VCC Active Write Current (4)
CE# = VIL, OE# = VIH,
ACC = VIH
VACC
15
µA
VCC
24
52.5
mA
ICC3
VCC Standby Current (5, 6)
CE# = RESET# =
VCC ± 0.2 V
VACC
15
µA
VCC
20
70
µA
ICC4
VCC Reset Current (6)
RESET# = VIL, CLK = VIL
70
250
µA
ICC5
VCC Active Current
(Read While Write) (6)
CE# = VIL, OE# = VIH, ACC = VIH @
5 MHz
50
60
mA
ICC6
VCC Sleep Current (6)
CE# = VIL, OE# = VIH
270
µA
IACC
Accelerated Program Current
(7)
CE# = VIL, OE# = VIH,
VACC = 9.5 V
VACC
620
mA
VCC
14
20
mA
VIL
Input Low Voltage
VCC = 1.8 V
–0.5
0.4
V
VIH
Input High Voltage
VCC = 1.8 V
VCC – 0.4
VCC + 0.4
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = VCC min = VCC
0.1
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min = VCC
VCC
V
VHH
Voltage for Accelerated
Program
8.5
9.5
V
VLKO
Low VCC Lock-out Voltage
1.4
V


유사한 부품 번호 - S71WS512NC0BFWE73

제조업체부품명데이터시트상세설명
logo
SPANSION
S71WS512NC0BFWEJ0 SPANSION-S71WS512NC0BFWEJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BFWEJ2 SPANSION-S71WS512NC0BFWEJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BFWEJ3 SPANSION-S71WS512NC0BFWEJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BFWEK0 SPANSION-S71WS512NC0BFWEK0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NC0BFWEK2 SPANSION-S71WS512NC0BFWEK2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

유사한 설명 - S71WS512NC0BFWE73

제조업체부품명데이터시트상세설명
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com