전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BFWE73 데이터시트(HTML) 77 Page - SPANSION

부품명 S71WS512NC0BFWE73
상세내용  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S71WS512NC0BFWE73 데이터시트(HTML) 77 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 77 / 188 page
background image
September 15, 2005 S71WS-N_01_A4
S71WS-Nx0 Based MCPs
75
Advance
Information
Notes:
1. Figure shows total number of wait states set to seven cycles. The total number of wait states can be programmed from two cycles to seven
cycles.
2. If any burst address occurs at “address + 1”, “address + 2”, or “address + 3”, additional clock delay cycles are inserted, and are indicated
by RDY.
3. The device is in synchronous mode with wrap around.
4. D8–DF in data waveform indicate the order of data within a given 8-word address range, from lowest to highest. Starting address in figure
is the 4th address in range (0-F).
Figure 14.8 8-word Linear Burst with Wrap Around
Notes:
1. Figure shows total number of wait states set to seven cycles. The total number of wait states can be programmed from two cycles to seven
cycles. Clock is set for active rising edge.
2. If any burst address occurs at “address + 1”, “address + 2”, or “address + 3”, additional clock delay cycles are inserted, and are indicated
by RDY.
3. The device is in asynchronous mode with out wrap around.
4. DC–D13 in data waveform indicate the order of data within a given 8-word address range, from lowest to highest. Starting address in figure
is the 1st address in range (c-13).
Figure 14.9 8-word Linear Burst without Wrap Around
DC
DD
OE#
Data
Addresses
Ac
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tIACC
tBDH
DE
DF
DB
7 cycles for initial access shown.
Hi-Z
tRACC
12
3
4
5
6
7
tRDYS
tBACC
tCR
D8
tRACC
DC
DD
OE#
Data
Addresses
Ac
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tIACC
tBDH
DE
DF
DB
7
cycles for initial access shown.
Hi-Z
tRACC
12
3
4
5
6
7
tRDYS
tBACC
tCR
D8
tRACC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn